Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN01C Datasheet(PDF) 43 Page - Cooper Bussmann, Inc.

Part # FN01C
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FN01C Datasheet(HTML) 43 Page - Cooper Bussmann, Inc.

Back Button FN01C Datasheet HTML 39Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 40Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 41Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 42Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 43Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 44Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 45Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 46Page - Cooper Bussmann, Inc. FN01C Datasheet HTML 47Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
D Fuses
Class gG
500V / 2 - 200A
Sizes: DI, DII, DIII, DIV, DV
Specifications
Description:
D fuses, gG range, for industrial and domestic
protection. All the fuses incorporate a visual display of fuse
actuation. Additional range of fuse holders and accesories.
Ratings:
Applications:
Protection of electrical distribution circuits,
cables and electrical apparatus (with the exception of
motors).
Standards and Approvals:
IEC 60269, VDE 0636,
Dimensions
Volts: - 690V ac
Amps: - 2 - 200A
IR - 50kA - 500V ac
Catalogue Numbers
Size
Current
(A)
Colour
Code
References
Voltage
(V)
Disconnection
Power
(kA)
Unit
Packing
DI
2
4
6
10
16
20
25
Pink
Brown
Green
Red
Grey
Blue
Yellow
2D16
4D16
6D16
10D16
16D16
20D16
25D16
500V
100kA
10
DII
2
4
6
10
16
20
25
Pink
Brown
Green
Red
Grey
Blue
Yellow
2D27
4D27
6D27
10D27
16D27
20D27
25D27
500V
100kA
10
DIII
35
50
63
Black
White
Copper
35D33
50D33
63D33
500V
100kA
10
DIV
80
100
Silver
Red
80D125
100D125
500V
100kA
10
Int
(A)
A
B
2
13.2
6
4
6
6
6
10
8
16
10
20
12
25
14
Int
(A)
A
B
2
21.5
6
4
6
6
6
10
8
16
10
20
12
25
14
Int
(A)
A
B
35
27
16
50
27
16
63
27
18
Int
(A)
A
B
35
27
16
50
27
16
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com