Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF353M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LF353M
Description  LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF353M Datasheet(HTML) 2 Page - Texas Instruments

  LF353M Datasheet HTML 1Page - Texas Instruments LF353M Datasheet HTML 2Page - Texas Instruments LF353M Datasheet HTML 3Page - Texas Instruments LF353M Datasheet HTML 4Page - Texas Instruments LF353M Datasheet HTML 5Page - Texas Instruments LF353M Datasheet HTML 6Page - Texas Instruments LF353M Datasheet HTML 7Page - Texas Instruments LF353M Datasheet HTML 8Page - Texas Instruments LF353M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LF353
Wide Bandwidth Dual JFET Input Operational Amplifier
General Description
These devices are low cost, high speed, dual JFET input
operational amplifiers with an internally trimmed input offset
voltage (BI-FET II™ technology). They require low supply
current yet maintain a large gain bandwidth product and fast
slew rate. In addition, well matched high voltage JFET input
devices provide very low input bias and offset currents. The
LF353 is pin compatible with the standard LM1558 allowing
designers to immediately upgrade the overall performance of
existing LM1558 and LM358 designs.
These amplifiers may be used in applications such as high
speed integrators, fast D/A converters, sample and hold
circuits and many other circuits requiring low input offset
voltage, low input bias current, high input impedance, high
slew rate and wide bandwidth. The devices also exhibit low
noise and offset voltage drift.
Features
n
Internally trimmed offset voltage:
10 mV
n
Low input bias current:
50pA
n
Low input noise voltage:
25 nV/
√Hz
n
Low input noise current:
0.01 pA/
√Hz
n
Wide gain bandwidth:
4 MHz
n
High slew rate:
13 V/µs
n
Low supply current:
3.6 mA
n
High input impedance:
10
12
Ω
n
Low total harmonic distortion :
≤0.02%
n
Low 1/f noise corner:
50 Hz
n
Fast settling time to 0.01%:
2 µs
Typical Connection
00564914
Simplified Schematic
1/2 Dual
00564916
Connection Diagram
Dual-In-Line Package
00564917
Top View
Order Number LF353M, LF353MX or LF353N
See NS Package Number M08A or N08E
BI-FET II™ is a trademark of National Semiconductor Corporation.
December 2003
© 2003 National Semiconductor Corporation
DS005649
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com