Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2952AIN Datasheet(PDF) 2 Page - Texas Instruments

Part # LP2952AIN
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952AIN Datasheet(HTML) 2 Page - Texas Instruments

  LP2952AIN Datasheet HTML 1Page - Texas Instruments LP2952AIN Datasheet HTML 2Page - Texas Instruments LP2952AIN Datasheet HTML 3Page - Texas Instruments LP2952AIN Datasheet HTML 4Page - Texas Instruments LP2952AIN Datasheet HTML 5Page - Texas Instruments LP2952AIN Datasheet HTML 6Page - Texas Instruments LP2952AIN Datasheet HTML 7Page - Texas Instruments LP2952AIN Datasheet HTML 8Page - Texas Instruments LP2952AIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LP2952/LP2952A/LP2953/LP2953A
Adjustable Micropower Low-Dropout Voltage Regulators
General Description
The LP2952 and LP2953 are micropower voltage regulators
with very low quiescent current (130 µA typical at 1 mA load)
and very low dropout voltage (typ. 60 mV at light load and
470 mV at 250 mA load current). They are ideally suited for
battery-powered systems. Furthermore, the quiescent cur-
rent increases only slightly at dropout, which prolongs bat-
tery life.
The LP2952 and LP2953 retain all the desirable character-
istics of the LP2951, but offer increased output current,
additional features, and an improved shutdown function.
The internal crowbar pulls the output down quickly when the
shutdown is activated.
The error flag goes low if the output voltage drops out of
regulation.
Reverse battery protection is provided.
The internal voltage reference is made available for external
use, providing a low-T.C. reference with very good line and
load regulation.
The parts are available in DIP and surface mount packages.
Features
n
Output voltage adjusts from 1.23V to 29V
n
Guaranteed 250 mA output current
n
Extremely low quiescent current
n
Low dropout voltage
n
Extremely tight line and load regulation
n
Very low temperature coefficient
n
Current and thermal limiting
n
Reverse battery protection
n
50 mA (typical) output pulldown crowbar
n
5V and 3.3V versions available
LP2953 Versions Only
n
Auxiliary comparator included with CMOS/TTL
compatible output levels. Can be used for fault
detection, low input line detection, etc.
Applications
n
High-efficiency linear regulator
n
Regulator with under-voltage shutdown
n
Low dropout battery-powered regulator
n
Snap-ON/Snap-OFF regulator
Block Diagrams
LP2952
01112701
LP2953
01112702
March 2005
© 2005 National Semiconductor Corporation
DS011127
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com