Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2981 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2981
Description  100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981 Datasheet(HTML) 1 Page - Texas Instruments

  LP2981 Datasheet HTML 1Page - Texas Instruments LP2981 Datasheet HTML 2Page - Texas Instruments LP2981 Datasheet HTML 3Page - Texas Instruments LP2981 Datasheet HTML 4Page - Texas Instruments LP2981 Datasheet HTML 5Page - Texas Instruments LP2981 Datasheet HTML 6Page - Texas Instruments LP2981 Datasheet HTML 7Page - Texas Instruments LP2981 Datasheet HTML 8Page - Texas Instruments LP2981 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FEATURES
PORTABLE APPLICATIONS
DBV (SOT-23) PACKAGE
(TOP VIEW)
1
2
3
5
4
VIN
GND
ON/OFF
VOUT
NC
NC − No connect; must be left open
DESCRIPTION/ORDERING INFORMATION
LP2981
www.ti.com ......................................................................................................................................................... SLVS521F – JULY 2004 – REVISED AUGUST 2008
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
• Mobile Phones
• Output Tolerance of
• Laptops
–
0.75% (A Grade)
• Personal Digital Assistants (PDAs)
–
1.25% (Standard Grade)
• Digital Cameras and Camcorders
• Ultra-Low Dropout, Typically
• CD and MP3 Players
–
200 mV at Full Load of 100 mA
–
7 mV at 1 mA
• Wide V
IN Range…16 V Max
• Low I
Q…600 µA Typ at Full Load of 100 mA
• Shutdown Current…0.01 µA Typ
• Fast Transient Response to Line and Load
• Overcurrent and Thermal Protection
• High Peak Current Capability
• ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
200-V Machine Model (A115-A)
The LP2981 family of fixed-output, low-dropout regulators offers exceptional, cost-effective performance for both
portable and nonportable applications. Available in fixed voltages of 2.8 V, 3 V, 3.3 V, and 5 V, the family has an
output tolerance of 0.75% for the A-grade devices (1.25% for the standard grade) and is capable of delivering
100-mA continuous load current. Standard regulator features, such as overcurrent and overtemperature
protection, are included.
The LP2981 has features that make the regulator an ideal candidate for a variety of portable applications:
• Low dropout: A PNP pass element allows a typical dropout of 200 mV at 100-mA load current and 7 mV at
1-mA load.
• Low quiescent current: The use of a vertical PNP process allows for quiescent currents that are considerably
lower than those associated with traditional lateral PNP regulators.
• Shutdown: A shutdown feature is available, allowing the regulator to consume only 0.01 µA when the
ON/OFF pin is pulled low.
• Small packaging: For the most space-constrained needs, the regulator is available in the SOT-23 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2981 TI-LP2981 Datasheet
194Kb / 12P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
267Kb / 15P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
394Kb / 16P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
781Kb / 17P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
More results

Similar Description - LP2981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2985 TI-LP2985 Datasheet
781Kb / 24P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
194Kb / 12P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-29 TI-LP2981-29 Datasheet
248Kb / 14P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981_07 Datasheet
267Kb / 15P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981_08 Datasheet
394Kb / 16P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-33DBVR TI1-LP2981-33DBVR Datasheet
600Kb / 17P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
781Kb / 17P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI1-LP2981_16 Datasheet
787Kb / 17P
ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-28 TI1-LP2981-28 Datasheet
1Mb / 22P
100-mA Ultra-Low Dropout Regulators With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com