Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM109K/883 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM109K/883
Description  LM109QML 5-Volt Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM109K/883 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM109K/883 Datasheet HTML 2Page - Texas Instruments LM109K/883 Datasheet HTML 3Page - Texas Instruments LM109K/883 Datasheet HTML 4Page - Texas Instruments LM109K/883 Datasheet HTML 5Page - Texas Instruments LM109K/883 Datasheet HTML 6Page - Texas Instruments LM109K/883 Datasheet HTML 7Page - Texas Instruments LM109K/883 Datasheet HTML 8Page - Texas Instruments LM109K/883 Datasheet HTML 9Page - Texas Instruments LM109K/883 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LM109K Electrical Characteristics
DC/AC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
AC / DC:
I
L = 5mA (Note 6)
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
V
Start
Start Up Input Voltage
V
O
≥ 4.706V, R
L =5
Ω
(Note 2)
9.0
V
1
I
Q
Quiescent Current
V
I = 7V
-10
mA
1, 2, 3
V
I = 7.2V, IL = 1.5A
(Note 3)
-10
mA
1, 2, 3
V
I = 25V
-10
mA
1, 2, 3
V
I = 25V, IL = 1.5A
t
PW
≤ 10ms
(Note 3)
-10
mA
1, 2, 3
V
I = 35V
-10
mA
1
∆
IQ
Quiescent Current Change
7V
≤ V
I
≤ 25 V
-0.5
0.5
mA
1, 2, 3
V
I = 7.2V,
5mA
≤ I
L
≤ 1.5A
(Note 3)
-0.8
0.8
mA
1, 2, 3
V
RLine
Line Regulation
7V
≤ V
I
≤ 25V
-50
50
mV
1
-100
100
mV
2, 3
V
RLoad
Load Regulation
V
I = 7.2V,
5mA
≤ I
L
≤ 1.5A
-100
100
mV
1
(Note 3)
-200
200
mV
2, 3
V
I = 10V,
1.5A
≥ I
L
≥ 5mA
-100
100
mV
1
(Note 3)
-200
200
mV
2, 3
V
I = 25V, tPW < 10ms,
1A
≥ I
L
≥ 20mA,
-50
50
mV
1
V
O
Output Voltage
V
I = 7V, P1
≤ 20W
4.6
5.4
V
1, 2, 3
V
I = 7.2V, IL = 1.5A,
P
≤ 20W
(Note 3)
4.6
5.4
V
1, 2, 3
V
I = 10V, IL = 500mA,
P
≤ 20W
4.7
5.3
V
1
V
I = 25V, IL = 20mA,
P
≤ 20W
4.6
5.4
V
1
V
I = 25V, IL = 1A,
P
≤ 20W, t
PW
≤ 10mS
4.6
5.4
V
1, 2, 3
V
I = 25V, P
≤ 20W
4.6
5.4
V
1, 2, 3
I
OS
Short Circuit Current
V
I = 35V
2.8
A
1
RR
Ripple Rejection
ƒ
≤ 120Hz, e
I =1VRMS,
I
L = 500mA
50
dB
4
DC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
I
L = 5mA(Note 6)
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
V
N
Output Noise Voltage
10Hz
≤ ƒ ≤ 100KHz
(Note 5)
200
µV
7
∆V
O /
∆T
Long Term Stability
(Note 5)
10
mV
8
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: This test is performed by shifting the input voltage in 50mV increments until output reaches 4.706V.
Note 3: At −55˚C & 125˚C, IL = 1A rather than 1.5A.
Note 4: At −55˚C & 125˚C, IL = 200mA rather than 500mA.
Note 5: Guaranteed parameter, not tested.
Note 6: Human body model, 1.5k
Ω in series with 100PF.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com