Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM124-SP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM124-SP
Description  QUADRUPLE OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM124-SP Datasheet(HTML) 2 Page - Texas Instruments

  LM124-SP Datasheet HTML 1Page - Texas Instruments LM124-SP Datasheet HTML 2Page - Texas Instruments LM124-SP Datasheet HTML 3Page - Texas Instruments LM124-SP Datasheet HTML 4Page - Texas Instruments LM124-SP Datasheet HTML 5Page - Texas Instruments LM124-SP Datasheet HTML 6Page - Texas Instruments LM124-SP Datasheet HTML 7Page - Texas Instruments LM124-SP Datasheet HTML 8Page - Texas Instruments LM124-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1OUT
1IN-
1IN+
V
CC
2IN+
2IN-
2OUT
3OUT
3IN-
3IN+
GND
4IN+
4IN-
4OUT
PAD #1
LM124-SP
LM124A-SP
SLOS668A – NOVEMBER 2010 – REVISED JANUARY 2011
www.ti.com
BARE DIE INFORMATION
BON PAD
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
METALLIZATION
POTENTIAL
THICKNESS
COMPOSITION
15 mils
Silicon with backgrind
Floating
AlCu (0.5%)
0.055 mils
Table 2. Bond Pad Coordinates in Microns
DISCRIPTION
PAD NUMBER
Xmin
Ymin
Xmax
Ymax
1OUT
1
426.72
1249.68
523.24
1346.20
1IN-
2
25.40
1093.47
127
1192.53
1IN+
3
25.40
808.99
127
910.59
VCC
4
25.40
635
127
734.06
2IN+
5
25.40
462.28
127
563.88
2IN-
6
25.40
177.80
127
279.40
2OUT
7
426.72
25.40
523.24
121.92
3OUT
8
949.96
25.40
1046.48
121.92
3IN-
9
1346.20
177.80
1447.80
279.40
3IN+
10
1346.20
462.28
1447.80
563.88
GND
11
1346.20
635
1447.80
736.60
4IN+
12
1346.20
807.72
1447.80
909.32
4IN-
13
1346.20
1092.2
1447.80
1193.80
4OUT
14
949.96
1249.68
1046.48
1346.20
2
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): LM124-SP LM124A-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com