Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM258AMDREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM258AMDREP
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM258AMDREP Datasheet(HTML) 4 Page - Texas Instruments

  LM258AMDREP Datasheet HTML 1Page - Texas Instruments LM258AMDREP Datasheet HTML 2Page - Texas Instruments LM258AMDREP Datasheet HTML 3Page - Texas Instruments LM258AMDREP Datasheet HTML 4Page - Texas Instruments LM258AMDREP Datasheet HTML 5Page - Texas Instruments LM258AMDREP Datasheet HTML 6Page - Texas Instruments LM258AMDREP Datasheet HTML 7Page - Texas Instruments LM258AMDREP Datasheet HTML 8Page - Texas Instruments LM258AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.ti.com
Electrical Characteristics
a
I
IO
a
I
IO
LM258A-EP
DUAL OPERATIONAL AMPLIFIERS
SLOS506 – OCTOBER 2006
at specified free-air temperature, V
CC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TA(2)
MIN
TYP(3)
MAX
UNIT
VCC = 5 V to 30 V,
25
°C
2
3
VIO
Input offset voltage
VIC = VICR(min),
mV
Full range
4
VO = 1.4 V
Average temperature
coefficient of
Full range
7
15
µV/°C
input offset voltage
25
°C
2
15
IIO
Input offset current
VO = 1.4 V
nA
Full range
30
Average temperature
coefficient of
Full range
10
200
pA/
°C
input offset current
25
°C
–15
–80
IIB
Input bias current
VO = 1.4 V
nA
Full range
–100
25
°C
0 to VCC – 1.5
Common-mode
VICR
VCC = 5 V to Max
V
input voltage range
Full range
0 to VCC – 2
RL ≥ 2 kΩ
25
°C
VCC – 1.5
High-level
VOH
RL = 2 kΩ
Full range
26
V
output voltage
VCC = 30 V
RL ≥ 10 kΩ
Full range
27
28
Low-level
VOL
RL ≤ 10 kΩ
Full range
5
20
mV
output voltage
Large-signal
VCC = 15 V,
25
°C
50
100
AVD
differential
VO = 1 V to 11 V,
V/mV
Full range
25
voltage amplification
RL ≥ 2 kΩ
Common-mode
VCC = 5 V to Max
CMRR
25
°C
70
80
dB
rejection ratio
VIC = VICR(min)
Supply-voltage
kSVR
rejection ratio
VCC = 5 V to Max
25
°C
65
100
dB
(
∆V
DD/∆VIO)
Crosstalk
VO1/VO2
f = 1 kHz to 20 kHz
25
°C
120
dB
attenuation
VCC = 15 V,
25
°C
–20
–30
–60
VID = 1 V,
Source
Full range
–10
VO = 0
mA
IO
Output current
VCC = 15 V,
25
°C
10
20
VID = –1 V,
Sink
5
Full range
VO = 15 V
VID = –1 V, VO = 200 mV
25
°C
12
30
µA
Short-circuit
VCC at 5 V, GND at –5 V,
IOS
25
°C
±40
±60
mA
output current
VO = 0
VO = 2.5 V, No load
Full range
0.7
1.2
Supply current
ICC
mA
(two amplifiers)
VCC = Max, VO = VCC/2, No load
Full range
1
2
(1)
All characteristics are measured under open-loop conditions with zero common-mode input voltage, unless otherwise specified. MAX
VCC for testing purposes is 30 V.
(2)
Full range is –55
°C to 125°C.
(3)
All typical values are at TA = 25°C.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com