Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902KAVQPWREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2902KAVQPWREP
Description  QUADRUPLE OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2902KAVQPWREP Datasheet(HTML) 4 Page - Texas Instruments

  LM2902KAVQPWREP Datasheet HTML 1Page - Texas Instruments LM2902KAVQPWREP Datasheet HTML 2Page - Texas Instruments LM2902KAVQPWREP Datasheet HTML 3Page - Texas Instruments LM2902KAVQPWREP Datasheet HTML 4Page - Texas Instruments LM2902KAVQPWREP Datasheet HTML 5Page - Texas Instruments LM2902KAVQPWREP Datasheet HTML 6Page - Texas Instruments LM2902KAVQPWREP Datasheet HTML 7Page - Texas Instruments LM2902KAVQPWREP Datasheet HTML 8Page - Texas Instruments LM2902KAVQPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
LM2902-EP
SGLS335A – APRIL 2006 – REVISED APRIL 2006
over operating free-air temperature range (unless otherwise noted)(1)
LM2902-EP
LM2902KV-EP
UNIT
VCC
Supply voltage(2)
26
32
V
VID
Differential input voltage(3)
±26
±32
V
VI
Input voltage (either input)
–0.3 to 26
–0.3 to 32
V
Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C,
Unlimited
Unlimited
VCC≤ 15 V(4)
D package (0 LFPM)
101
101
θ
JA
Package thermal impedance(5)(6)
°C/W
PW package
113
113
TJ
Operating virtual junction temperature
142
142
°C
Tstg
Storage temperature range(7)
–65 to 150
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages and VCC specified for the measurement of IOS, are with respect to the network GND.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 142°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
(7)
Long term high-temperature storage and/or extended use at maximum recommended operating conditions may result in reduction of
overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com