Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

776532-2 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 776532-2
Description  AMPSEAL 16 Connector System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

776532-2 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 776532-2 Datasheet HTML 17Page - Tyco Electronics 776532-2 Datasheet HTML 18Page - Tyco Electronics 776532-2 Datasheet HTML 19Page - Tyco Electronics 776532-2 Datasheet HTML 20Page - Tyco Electronics 776532-2 Datasheet HTML 21Page - Tyco Electronics 776532-2 Datasheet HTML 22Page - Tyco Electronics 776532-2 Datasheet HTML 23Page - Tyco Electronics 776532-2 Datasheet HTML 24Page - Tyco Electronics 776532-2 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
2-Row Sealed Pin (Cap) Housings – Reversed Type
AMPSEAL 16 Connector System
Housings and Connectors
Section Catalog 1654281-2.
Revised 12-2009.
Main Catalog 1654400-1
Chapter 30 – Issued 3-2010.
All specifications subject to change. Consult Tyco Electronics for latest specifications.
30-21
Technical Features
No. of Positions:
4 (2 2) Positions Assembly
Housing Material:
Glass Reinforced PBT
Wire Size Range:
2.18 – 3.67 mm
Product Specification:
108-2184
Application Specification:
114-13065
■ UL 94-HB rated
■ Resistant to a wide range
of chemicals
■ RoHS and ELV compliant
22.6
24.6
47.15
Part Numbers
Pin (Cap) Housing
Mating Receptacle (Plug) Housing
Sealed Pin Housings 2-Row – Reversed Mounting Feature
Red
Key A
1717674-1
776487-1
4
Gray
Key B
1717674-2
776487-2
Yellow
Key C
1717674-3
776487-3
Green
Key D
1717674-4
776487-4
No. of
Positions
PLR Color
Keying



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com