Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3232MDBREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3232MDBREP
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3232MDBREP Datasheet(HTML) 5 Page - Texas Instruments

  MAX3232MDBREP Datasheet HTML 1Page - Texas Instruments MAX3232MDBREP Datasheet HTML 2Page - Texas Instruments MAX3232MDBREP Datasheet HTML 3Page - Texas Instruments MAX3232MDBREP Datasheet HTML 4Page - Texas Instruments MAX3232MDBREP Datasheet HTML 5Page - Texas Instruments MAX3232MDBREP Datasheet HTML 6Page - Texas Instruments MAX3232MDBREP Datasheet HTML 7Page - Texas Instruments MAX3232MDBREP Datasheet HTML 8Page - Texas Instruments MAX3232MDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RECEIVER SECTION
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
PARMETER MEASUREMENT INFORMATION
50
Ω
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
3 V
Output
Input
VOL
VOH
tTLH
Generator
(see Note B)
RL
RS-232
Output
tTHL
CL
(see Note A)
SR(tr) +
6 V
t
THL
or t
TLH
1.5 V
1.5 V
3 V
−3 V
3 V
−3 V
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
3 V
Output
Input
VOL
VOH
tPLH
tPHL
50%
50%
1.5 V
1.5 V
50
Ω
Generator
(see Note B)
RL
RS-232
Output
CL
(see Note A)
MAX3232-EP
www.ti.com......................................................................................................................................................... SGLS337A – APRIL 2006 – REVISED MARCH 2009
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted (see
(1)and Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
IOH = -1 mA
VCC–0.6
VCC–0.1
V
VOL
Low-level output voltage
IOL = 1.6 mA
0.4
V
VCC = 3.3 V
1.5
2.4
VIT+
Positive-going input threshold voltage
V
VCC = 5 V
1.8
2.4
VCC = 3.3 V
0.6
1.2
VIT–
Negative-going input threshold voltage
V
VCC = 5 V
0.8
1.5
Vhys
Input hysteresis (VIT+ – VIT–)
0.3
V
ri
Input resistance
VI = ±3 V to ±25 V
3
5
8
k
Ω
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ±0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ±0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V and TA = 25°C.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted (see
(1)and Figure 3)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
300
ns
CL = 150 pF
tPHL
Propagation delay time, high- to low-level output
300
ns
tsk(p)
Pulse skew(3)
300
ns
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ±0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ±0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
Figure 1. Driver Slew Rate
A.
CL includes probe and jig capacitance.
B.
The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
Figure 2. Driver Pulse Skew
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): MAX3232-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com