Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH162245IDGGREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CLVTH162245IDGGREP
Description  3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH162245IDGGREP Datasheet(HTML) 2 Page - Texas Instruments

  CLVTH162245IDGGREP Datasheet HTML 1Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 2Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 3Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 4Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 5Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 6Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 7Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 8Page - Texas Instruments CLVTH162245IDGGREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN74LVTH162245EP
3.3V ABT 16BIT BUS TRANSCEIVER
WITH 3STATE OUTPUTS
SCBS782A − NOVEMBER 2003 − JULY 2006
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The A-port outputs, which are designed to source or sink up to 12 mA, include equivalent 22-
Ω series resistors
to reduce overshoot and undershoot.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
When VCC is between 0 and 1.5 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the device when it is powered down. The
power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down,
which prevents driver conflict.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
TSSOP − DGG
Tape and reel
CLVTH162245IDGGREP
LH162245EP
−55
°C to 125°C
SSOP − DL
Tape and reel
CLVTH162245MDLREP
LVTH162245EP
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each 8-bit section)
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
logic diagram (positive logic)
To Seven Other Channels
1DIR
1A1
1B1
1OE
To Seven Other Channels
2DIR
2A1
2B1
2OE
1
47
24
36
48
2
25
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com