Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS053FN Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75ALS053FN
Description  QUADRUPLE FUTUREBUS TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS053FN Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75ALS053FN Datasheet HTML 3Page - Texas Instruments SN75ALS053FN Datasheet HTML 4Page - Texas Instruments SN75ALS053FN Datasheet HTML 5Page - Texas Instruments SN75ALS053FN Datasheet HTML 6Page - Texas Instruments SN75ALS053FN Datasheet HTML 7Page - Texas Instruments SN75ALS053FN Datasheet HTML 8Page - Texas Instruments SN75ALS053FN Datasheet HTML 9Page - Texas Instruments SN75ALS053FN Datasheet HTML 10Page - Texas Instruments SN75ALS053FN Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN75ALS053
QUADRUPLE FUTUREBUS TRANSCEIVER
SLLS034B – JANUARY 1988 – REVISED MAY 1995
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
VOLTAGE WAVEFORMS
VO
(Rn)
50 pF (includes jig capacitance)
VI(Bn)
2 V
1 V
VOH
VOL
1.55 V
tPLH
1.5 V
VO(Rn)
VI(Bn)
1.55 V
tPHL
1.5 V
SN75ALS053
NOTE: tr = tf ≤ 10 ns from 10% to 90%
Figure 3. Receiver Test Circuit and Voltage Waveforms
TEST CIRCUIT
VOLTAGE WAVEFORMS
0.5 V
0.5 V
1.5 V
tPZL
VO(Rn)
1.5 V
1.5 V
tPZH
VO(Rn)
0 V
VI(RE)
3 V
tPLZ
tPHZ
1.5 V
(Rn)
RL1
VI(RE)
VL
VO
CL (includes jig capacitance)
SN75ALS053
NOTE: tr = tf ≤ 5 ns from 10% to 90%
Figure 4. Test CIrcuit and Voltage Waveforms From RE to Rn



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com