Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8P04XX Datasheet(PDF) 4 Page - SONiX Technology Company

Part # SN8P04XX
Description  OPT ROM:4096 16bits , RAM:128 8bits
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P04XX Datasheet(HTML) 4 Page - SONiX Technology Company

  SN8P04XX Datasheet HTML 1Page - SONiX Technology Company SN8P04XX Datasheet HTML 2Page - SONiX Technology Company SN8P04XX Datasheet HTML 3Page - SONiX Technology Company SN8P04XX Datasheet HTML 4Page - SONiX Technology Company SN8P04XX Datasheet HTML 5Page - SONiX Technology Company SN8P04XX Datasheet HTML 6Page - SONiX Technology Company SN8P04XX Datasheet HTML 7Page - SONiX Technology Company SN8P04XX Datasheet HTML 8Page - SONiX Technology Company SN8P04XX Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image

   
 








 



        
  ! "#$ %&'( )*   +,-  ./01 ! 2   
   3 4/0 1    5 6-7  8  -7  9:  -; 
 <=> -7  !" #$% &  ?@A   
'  BC  DEF  GHI;JK () B & ;IJK )(
* LMLN O  PQRSTU ( V&WXYZ[\]^ _`
a.  * b_`a.Zc]^defg7h ij!"#kl_` mno` pq
 _`r.%

 




♦ /01s
/01s
/01s
/01s
 ♦  ?@As
?@As
?@As
?@As

tus+

 vw?@s   

(tus

* Xw?@s ' 

 

♦ xyaz
xyaz
xyaz
xyaz {|
{|
{|
{|  O
O
O
O s
s
s
s
 ♦PQRSTU
PQRSTU
PQRSTU
PQRSTU

 BLM}s O~€#%
 ♦ 


  DEF
DEF
DEF
DEF 


GHI;J
GHI;J
GHI;J
GHI;J

 BLMLN}s O~€ 
K
K
K
K 

# ‚ƒ#%
 ♦ 


   ;IJK
;IJK
;IJK
;IJK 

 BLMLN}s O„…‚ 


ƒ%
 ♦ †_` s
†_` s
†_` s
†_` s

 BLMLN}s O‡ () LM 
kl_` sˆF‰!… ,-

|%

 a.sˆF‰!… ,-

 

♦ 


  56-7
56-7
56-7
56-7 
 ♦ iŠa.s
iŠa.s
iŠa.s
iŠa.s
♦ -7
-7
-7
-7 9:-;
9:-;
9:-;
9:-; 

) s./
♦ -7
-7
-7
-7 9:-; C[‹ŒM 
9:-; C[‹ŒM 
9:-; C[‹ŒM 
9:-; C[‹ŒM  
) s./

‹
‹
‹
‹  #
#
#
#

s ./
♦ <=>-7
<=>-7
<=>-7
<=>-7 

01s./




♦ #Ž‘s
#Ž‘s
#Ž‘s
#Ž‘s



+‘’…  “  ”\•– 


†—˜.%



”\7™s •–…  _`7h% 


 ‘š  ›œž%



 ‘š  ›œž%



Ÿ #  ‘š  ›œ 


ž%



 ‘…¡¢£%



 










Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com