Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3202 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3202 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 45Page - Texas Instruments TAS3202 Datasheet HTML 46Page - Texas Instruments TAS3202 Datasheet HTML 47Page - Texas Instruments TAS3202 Datasheet HTML 48Page - Texas Instruments TAS3202 Datasheet HTML 49Page - Texas Instruments TAS3202 Datasheet HTML 50Page - Texas Instruments TAS3202 Datasheet HTML 51Page - Texas Instruments TAS3202 Datasheet HTML 52Page - Texas Instruments TAS3202 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
TAS3202
www.ti.com
SLES208B – JUNE 2009 – REVISED MARCH 2011
9.3
I
2C Memory Load Control and Memory Load Data Registers (0x04 and 0x05)
Registers 0x04 (Table 9-4) and 0x05 (Table 9-5) allow the user to download TAS3202 program code and
data directly from the system I2C controller. This mode is called the I2C slave mode (from the TAS3202
point of view). See the TAS3xxx Firmware Programmer's Guide for more details.
The I2C slave memory load port permits the system controller to load the TAS3202 memories as an
alternative to having the TAS3202 load its memory from EEPROM.
•
Micro program memory
•
Micro extended memory
•
DAP program memory
•
DAP coefficient memory
•
DAP data memory
The transfer is performed by writing to two I2C registers. The first register is an 8-byte register that holds
the checksum, the memory to be written, the starting address, the number of data bytes to be transferred.
The second location holds 8 bytes of data. The memory load operation starts with the first register being
set. Then the data is written into the second register using the format shown. After the last data byte is
written into the second register, an additional two bytes are written that contain the 2-byte checksum. At
that point, the transfer is complete and status of the operation is reported in the status register. The end
checksum is always contained in the last two bytes of the data block.
Table 9-4. TAS3202 Memory Load Control Register (0x04)
BYTE
DATA BLOCK FORMAT
SIZE
NOTES
Checksum of bytes 2 through N + 8. If this is a termination header,
1–2
Checksum code
2 bytes
this value is 00 00.
0: Microprocessor program memory
1: Microprocessor external data memory
2: Audio DSP core program memory
3: Audio DSP core coefficient memory
3-4
Memory to be loaded
2 bytes
4: Audio DSP core data memory
5: Audio DSP core upper data memory
6: Audio DSP core upper coefficient memory
7–15: Reserved for future expansion
5
Unused
1 byte
Reserved for future expansion
6–7
Starting TAS3202 memory address
2 bytes
If this is a termination header, this value is 0000.
7–8
Number of data bytes to be transferred
2 bytes
If this is a termination header, this value is 0000.
Table 9-5. TAS3202 Memory Load Data Register (0x05)
BYTE
8-BIT DATA
28-BIT DATA
48-BIT DATA
54-BIT DATA
1
Datum 1 D7–D0
0000 D27–D24
0000 0000
0000 0000
2
Datum 2 D7–D0
D7–D0
0000 0000
00 D53–D48
3
Datum 3 D7–D0
D15–D8
D47–D40
D47–D40
4
Datum 4 D7–D0
D7–D0
D39–D32
D39–D32
5
Datum 5 D7–D0
0000 D27–D24
D31–D24
D31–D24
6
Datum 6 D7–D0
D23–D16
D23–D16
D23–D16
7
Datum 7 D7–D0
D15–D8
D15–D8
D15–D8
8
Datum 8 D7–D0
D7–D0
D7–D0
D7–D0
Copyright © 2009–2011, Texas Instruments Incorporated
49
I2C Register Map
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com