Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD13G Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYD13G
Description  Controlled avalanche rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYD13G Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYD13G Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYD13G Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BYD13G Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
200V-1000V
0.750A-1.4A
BYD13D THRU BYD13M
Controlled avalanche rectifiers
Solid line: Tj =25 °C.
Dotted line: Tj = 175 °C.
Fig.6
Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
0
6
4
2
0
2
1
IF
(A)
VF (V)
Fig.7
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
200
0
10 3
10
2
10
1
160
120
40
80
(
µA)
I
R
T
j
(
oC)
VR =VRRMmax.
Fig.8
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
1
10
102
10
3
1
10 2
10
(pF)
C
d
V
R
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com