Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD13K Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYD13K
Description  Controlled avalanche rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYD13K Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYD13K Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYD13K Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BYD13K Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
200V-1000V
0.750A-1.4A
BYD13D THRU BYD13M
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Controlled avalanche rectifiers
• Glass passivated
• High maximum operating temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy absorption capability
• Available in ammo-pack.
Cavity free cylindrical glass package
through Implotec
™(1) technology.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
•
•
•
•
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
IF(AV)
average forward current
Ttp =55 °C; lead length = 10 mm;
averaged over any 20 ms period;
see Figs 2 and 4
−
1.40
A
Tamb =65 °C; PCB mounting
(see Fig.9);
averaged over any 20 ms period;
see Figs 3 and 4
−
0.75
A
IFSM
non-repetitive peak forward current
t = 10 ms half sinewave;
Tj =Tj max prior to surge;
VR =VRRMmax
−
20
A
ERSM
non-repetitive peak reverse
avalanche energy
L = 120 mH; Tj =Tj max prior to
surge; inductive load switched off
−
7
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Fig.5
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF =1A; Tj =Tj max; see Fig.6
−−
0.93
V
IF = 1 A; see Fig.6
−−
1.05
V
V(BR)R
reverse avalanche
breakdown voltage
IR = 0.1 mA
BYD13D
225
−−
V
BYD13G
450
−−
V
BYD13J
650
−−
V
BYD13K
900
−−
V
BYD13M
1 100
−−
V
IR
reverse current
VR =VRRMmax; see Fig.7
−−
1
µA
VR =VRRMmax; Tj = 165 °C; see Fig.7
−−
100
µA
trr
reverse recovery time
when switched from IF = 0.5 A to IR =1A;
measured at IR = 0.25 A; see Fig.10
−
3
−
µs
Cd
diode capacitance
VR = 0 V; f = 1 MHz; see Fig.8
−
21
−
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT


Similar Part No. - BYD13K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD13K PHILIPS-BYD13K Datasheet
39Kb / 7P
Controlled avalanche rectifiers
1996 May 24
logo
EIC discrete Semiconduc...
BYD13K EIC-BYD13K Datasheet
46Kb / 2P
CONTROLLED AVALANCHE RECTIFIER DIODES
More results

Similar Description - BYD13K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
Controlled avalanche rectifiers
1996 Sep 26
BYD11 PHILIPS-BYD11 Datasheet
46Kb / 7P
Controlled avalanche rectifiers
1996 Sep 26
BYD12 PHILIPS-BYD12 Datasheet
49Kb / 8P
Controlled avalanche rectifiers
1998 Dec 03
BYD13 PHILIPS-BYD13 Datasheet
39Kb / 7P
Controlled avalanche rectifiers
1996 May 24
BYG50 PHILIPS-BYG50 Datasheet
41Kb / 6P
Controlled avalanche rectifiers
1996 May 24
BYM56 PHILIPS-BYM56 Datasheet
48Kb / 7P
Controlled avalanche rectifiers
1996 May 24
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
Controlled avalanche rectifiers
1996 Oct 03
logo
Shenzhen Taychipst Elec...
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
Controlled avalanche rectifiers
logo
NXP Semiconductors
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
Controlled avalanche rectifiers
1996 Jun 19
logo
New Jersey Semi-Conduct...
BYW54 NJSEMI-BYW54 Datasheet
136Kb / 2P
Controlled avalanche rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com