Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5518C Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS5518C
Description  8-Channel Digital Audio PWM Processor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5518C Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5518C Datasheet HTML 35Page - Texas Instruments TAS5518C Datasheet HTML 36Page - Texas Instruments TAS5518C Datasheet HTML 37Page - Texas Instruments TAS5518C Datasheet HTML 38Page - Texas Instruments TAS5518C Datasheet HTML 39Page - Texas Instruments TAS5518C Datasheet HTML 40Page - Texas Instruments TAS5518C Datasheet HTML 41Page - Texas Instruments TAS5518C Datasheet HTML 42Page - Texas Instruments TAS5518C Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 103 page
background image
2.12.1 DC Blocking (High-Pass Filter Enable/Disable)
2.12.2 De-Emphasis Filter
f – Frequency – kHz
3.18 (50
µs)
0
−10
10.6 (15
µs)
De-emphasis
M0015-01
2.12.3 Power-Supply Volume Control (PSVC)
TAS5518C
8-Channel Digital Audio PWM Processor
www.ti.com
SLES238A – SEPTEMBER 2008 – REVISED JULY 2009
The PWM section also contains the power-supply volume control (PSVC) PWM.
The interpolator, noise shaper, and PWM sections provide a PWM output with the following features:
• Up to 8× oversampling
–
8
× at f
S = 44.1 kHz, 48 kHz, 32 kHz, 38 kHz
–
4
× at f
S = 88.2 kHz, 96 kHz
–
2
× at f
S = 176.4 kHz, 192 kHz
• Fifth-order noise shaping
• 110-dB dynamic range 0–20 kHz (TAS5518C + TAS5111 system measured at speaker terminals)
• THD < 0.01%
• Adjustable maximum modulation limit of 93.8% to 99.2%
• 3.3-V digital signal
Each input channel incorporates a first-order, digital, high-pass filter to block potential dc components. The
filter –3-dB point is approximately 0.89-Hz at the 44.1-kHz sampling rate. The high-pass filter can be
enabled and disabled via the I2C system control register 1 (0x03 bit D7). The default setting is 1
(high-pass filter enabled).
For audio sources that have been pre-emphasized, a precision 50-
µs/15-µs de-emphasis filter is provided
to support the sampling rates of 32 kHz, 44.1 kHz, and 48 kHz. Figure 2-19 shows a graph of the
de-emphasis filtering characteristics. De-emphasis is set using two bits in the system control register.
Figure 2-19. De-Emphasis Filter Characteristics
The TAS5518C supports volume control both by conventional digital gain/attenuation and by a
combination of digital and analog gain/attenuation. Varying the H-bridge power-supply voltage performs
the analog volume control function. The benefits of using power-supply volume control (PSVC) are
reduced idle channel noise, improved signal resolution at low volumes, increased dynamic range, and
reduced radio frequency emissions at reduced power levels. The PSVC is enabled via I2C. When enabled,
the PSVC provides a PWM output that is filtered to provide a reference voltage for the power supply. The
power-supply adjustment range can be set for –-12.04, –18.06, or –24.08 dB, to accommodate a range of
variable power-supply designs.
Figure 2-20 and Figure 2-21 show how power-supply and digital gains can be used together.
The volume biquad (0xCF) can be used to implement a low-pass filter in the digital volume control to
match the PSVC volume transfer function. Note that if the PVSC function is not used, the volume biquad
should be all-pass (default).
Submit Documentation Feedback
Description
39
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com