Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5630B Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630B
Description  300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5630B Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 9Page - Texas Instruments TAS5630B Datasheet HTML 10Page - Texas Instruments TAS5630B Datasheet HTML 11Page - Texas Instruments TAS5630B Datasheet HTML 12Page - Texas Instruments TAS5630B Datasheet HTML 13Page - Texas Instruments TAS5630B Datasheet HTML 14Page - Texas Instruments TAS5630B Datasheet HTML 15Page - Texas Instruments TAS5630B Datasheet HTML 16Page - Texas Instruments TAS5630B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0
100
200
300
400
500
600
700
2 Channel Output Power − W
4
Ω
6
Ω
8
Ω
TC = 25°C
THD+N at 10%
G001
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
−10
0
10
20
30
40
50
60
70
80
90 100 110
TC − Case Temperature −°C
4
Ω
6
Ω
8
Ω
THD+N at 10%
G001
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
2k
4k
6k
8k
10k 12k 14k 16k 18k 20k 22k
f − Frequency − Hz
4
Ω
TC = 75°C
VREF = 35.36 V
Sample Rate = 48kHz
FFT Size = 16384
G001
TAS5630B
www.ti.com
SLES217B
– NOVEMBER 2010 – REVISED NOVEMBER 2011
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
SYSTEM POWER LOSS
OUTPUT POWER
vs
vs
OUTPUT POWER
CASE TEMPERATURE
Figure 5.
Figure 6.
NOISE AMPLITUDE
vs
FREQUENCY
Figure 7.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5630B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com