Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5727PHPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5727PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5727PHPR Datasheet(HTML) 2 Page - Texas Instruments

  TAS5727PHPR Datasheet HTML 1Page - Texas Instruments TAS5727PHPR Datasheet HTML 2Page - Texas Instruments TAS5727PHPR Datasheet HTML 3Page - Texas Instruments TAS5727PHPR Datasheet HTML 4Page - Texas Instruments TAS5727PHPR Datasheet HTML 5Page - Texas Instruments TAS5727PHPR Datasheet HTML 6Page - Texas Instruments TAS5727PHPR Datasheet HTML 7Page - Texas Instruments TAS5727PHPR Datasheet HTML 8Page - Texas Instruments TAS5727PHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
SDIN
LRCLK
SCLK
MCLK
RESET
PDN
SDA
PLL_FLTM
PLL_FLTP
AVDD/DVDD
PVDD
OUT_A
OUT_C
OUT_B
OUT_D
BST_A
BST_C
BST_B
BST_D
3.3V
8V–26V
SCL
Digital
Audio
Source
I C
Control
2
Control
Inputs
LC
BTL
LC
BTL
B0264-10
Loop
Filter
(1)
Left
Right
A_SEL(
)
FAULT
TAS5727
SLOS670 – NOVEMBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
SIMPLIFIED APPLICATION DIAGRAM
(1) See the TAS5727 User's Guide for loop filter values
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com