Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFB2002B Datasheet(PDF) 1 Page - Texas Instruments

Part # TFB2002B
Description  FUTUREBUS I/O CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFB2002B Datasheet(HTML) 1 Page - Texas Instruments

  TFB2002B Datasheet HTML 1Page - Texas Instruments TFB2002B Datasheet HTML 2Page - Texas Instruments TFB2002B Datasheet HTML 3Page - Texas Instruments TFB2002B Datasheet HTML 4Page - Texas Instruments TFB2002B Datasheet HTML 5Page - Texas Instruments TFB2002B Datasheet HTML 6Page - Texas Instruments TFB2002B Datasheet HTML 7Page - Texas Instruments TFB2002B Datasheet HTML 8Page - Texas Instruments TFB2002B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TFB2002BI
FUTUREBUS+ I/O CONTROLLER
SLLS182 – AUGUST 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Industrial Temperature Version of the
TFB2002B With an Operating Range of
–20
°C to 85°C
D Provides Control Logic Necessary to
Operate a Data Path Unit (TFB2022A) on
Futurebus+
D Parallel-Protocol Support Is Fully
Compliant to Futurebus+ Standard
(IEEE Std 896.1–1991)
D Interfaces Easily to a Variety of Popular
Microprocessors Such as SPARC
™, R4000,
680x0, 88xxx, 80x86, and Alpha AXP
™
D Provides Full Support for Futurebus+
Cache Commands (for Memory or I/O
Modules in Shared-Memory Systems)
D Capable of Handling a Single Outstanding
Split Transaction
D Parallel-Protocol-Related CSR Locations
Are Provided on Chip
D Offers Autonomous Control for Futurebus+
and Host-Module Reads and Writes
description
The TFB2002BI I/O controller (IOC) is a member of the Texas Instruments Futurebus+ (FB+) chip set. This chip
set provides a highly integrated approach to the Futurebus+ interface that reduces new-product design time,
allows more functionality per circuit board, improves overall interface reliability, and reduces end-user down
time through built-in test capabilities. The Futurebus+ chip set is capable of supporting 32- or 64-bit data widths
in any combination on both the host-bus interface (HIF) and Futurebus+. The address width is programmable
to be 32 bits or 36 bits (with either data width).
The TFB2002BI contains the control logic necessary to translate Futurebus+ transactions into host bus
transactions and vice versa. It contains a high-speed Futurebus+ handshake controller, a synchronous host bus
controller, and reset-type determination logic.
When combined with a TFB2022A Futurebus+ data path unit (DPU), the TFB2002BI provides a complete
64-bit-wide interface to the Futurebus+. The TFB2002BI provides the necessary control logic for the data path
unit to provide a complete interface to the Futurebus+ for a Profile-B-compliant module. It may also be used
on I/O or memory modules in a cache-coherent system.
The TFB2002BI is offered in a 208-pin plastic quad flat package (PPM). The TFB2002BI is characterized for
operation over the industrial temperature range of – 20
°C to 85°C.
NOTE: To maintain consistency with the notation used in the Futurebus+ standard (IEEE Std 896. 1–1991), an active-low signal is denoted herein
by use of the trailing asterisk (*) on the signal name.
Copyright
© 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Alpha AXP is a trademark of Digital Equipment Corporation.
SPARC is a trademark of Sun Microsystems, Inc.


Similar Part No. - TFB2002B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFB2010 TI1-TFB2010 Datasheet
121Kb / 9P
FUTUREBUS ARBITRATION BUS CONTROLLER
TFB2010MHSB TI1-TFB2010MHSB Datasheet
121Kb / 9P
FUTUREBUS ARBITRATION BUS CONTROLLER
TFB2010PJM TI1-TFB2010PJM Datasheet
121Kb / 9P
FUTUREBUS ARBITRATION BUS CONTROLLER
TFB2022A TI1-TFB2022A Datasheet
160Kb / 10P
FUTUREBUS DATA PATH UNIT
TFB2022AI TI1-TFB2022AI Datasheet
160Kb / 10P
FUTUREBUS DATA PATH UNIT
More results

Similar Description - TFB2002B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6550 HOLTEK-HT6550 Datasheet
1Mb / 39P
Super I/O Controller
2nd Apr 97
logo
C-Media Electronics
CM106F+ CMEDIA-CM106F+ Datasheet
1Mb / 41P
USB Audio I/O Controller
CM108 CMEDIA-CM108 Datasheet
500Kb / 29P
USB Audio I/O Controller
CM109 CMEDIA-CM109 Datasheet
602Kb / 36P
USB I/O Controller
logo
Intel Corporation
6300ESB INTEL-6300ESB Datasheet
7Mb / 848P
I/O Controller Hub
307013-003 INTEL-307013-003 Datasheet
6Mb / 848P
Intel I/O Controller Hub 7
316972-004 INTEL-316972-004 Datasheet
6Mb / 884P
Intel I/O Controller Hub 9
319973-003 INTEL-319973-003 Datasheet
5Mb / 840P
Intel I/O Controller Hub 10
logo
Texas Instruments
TFB2010 TI1-TFB2010 Datasheet
121Kb / 9P
FUTUREBUS ARBITRATION BUS CONTROLLER
logo
Red Lion Controls. Inc
ST-GT-1210 REDLION-ST-GT-1210 Datasheet
317Kb / 1P
Indusrial I/O Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com