Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP410MPAPREP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410MPAPREP
Description  PanelBus??DIGITAL TRANSMITTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP410MPAPREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TFP410MPAPREP Datasheet HTML 16Page - Texas Instruments TFP410MPAPREP Datasheet HTML 17Page - Texas Instruments TFP410MPAPREP Datasheet HTML 18Page - Texas Instruments TFP410MPAPREP Datasheet HTML 19Page - Texas Instruments TFP410MPAPREP Datasheet HTML 20Page - Texas Instruments TFP410MPAPREP Datasheet HTML 21Page - Texas Instruments TFP410MPAPREP Datasheet HTML 22Page - Texas Instruments TFP410MPAPREP Datasheet HTML 23Page - Texas Instruments TFP410MPAPREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
TFP410-EP
PanelBus
™ DIGITAL TRANSMITTER
SGLS344A − JULY 2006 − REVISED MAY 2011
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
register descriptions (continued)
HTPLG: This read only register contains the hot-plug detection input logic state.
0: Logic level detected on EDGE/HTPLG (pin 9)
1: High level detected on EDGE/HTPLG (pin 9)
RSEN: This read-only register contains the receiver sense input logic state, which is valid only for dc-coupled
systems.
0: A powered-on receiver is not detected.
1: A powered-on receiver is detected (i.e., connected to the DVI transmitter outputs).
TSEL: This read/write register contains the interrupt generation source select.
0: Interrupt bit (MDI) is generated by monitoring RSEN.
1: Interrupt bit (MDI) is generated by monitoring HTPLG.
MSEL: This read/write register contains the source select of the monitor sense output pin.
000: Disabled. MSEN output high.
001: Outputs the MDI bit (interrupt)
010: Outputs the RSEN bit (receiver detect)
011: Outputs the HTPLG bit (hot-plug detect)
VLOW: This read-only register indicates the VREF input level.
0: This bit is a logic level 0 if the VREF analog input selects high-swing inputs.
1: This bit is a logic level 1 if the VREF analog input selects low-swing inputs.
CTL_3_MODE
Sub-Address = 0A
Read/Write
Default = 0x80
7
6
5
4
3
2
1
0
DK[3:1]
DKEN
RSVD
CTL[2:1]
RSVD
CTL[2:1]:This read/write register contains the values of the two CTL[2:1] bits that are output on the DVI port during
the blanking interval.
DKEN: This read/write register controls the data deskew enable.
0: Data deskew is disabled, the values in DK[3:1] are not used.
1: Data deskew is enabled, the deskew setting is controlled through DK[3:1].
DK[3:1]: This read/write register contains the deskew setting, each increment adjusts the skew by t(STEP).
000: Step 1 (minimum setup/maximum hold)
001: Step 2
010: Step 3
011: Step 4
100: Step 5 (default)
101: Step 6
110: Step 7
111: Step 8 (maximum setup/minimum hold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com