Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8A1702AS Datasheet(PDF) 49 Page - SONiX Technology Company

Part # SN8A1702AS
Description  8-Bit Micro-Controller
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AS Datasheet(HTML) 49 Page - SONiX Technology Company

Back Button SN8A1702AS Datasheet HTML 45Page - SONiX Technology Company SN8A1702AS Datasheet HTML 46Page - SONiX Technology Company SN8A1702AS Datasheet HTML 47Page - SONiX Technology Company SN8A1702AS Datasheet HTML 48Page - SONiX Technology Company SN8A1702AS Datasheet HTML 49Page - SONiX Technology Company SN8A1702AS Datasheet HTML 50Page - SONiX Technology Company SN8A1702AS Datasheet HTML 51Page - SONiX Technology Company SN8A1702AS Datasheet HTML 52Page - SONiX Technology Company SN8A1702AS Datasheet HTML 53Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 145 page
background image
SN8P1700
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 49
Revision 1.94
5
5
5 SYSTEM REGISTER
OVERVIEW
The system special register is located at 80h~FFh. The main purpose of system registers is to control the peripheral
hardware of the chip. Using system registers can control I/O ports, SIO, ADC, PWM, timers and counters by
programming. The Memory map provides an easy and quick reference source for writing application program. To
accessing these system registers is controlled by the select memory bank (RBANK = 0) or the bank 0 read/write
instruction (B0MOV, B0BSET, B0BCLR…).
SYSTEM REGISTER ARRANGEMENT (BANK 0)
BYTES of SYSTEM REGISTER
SN8P1702
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
8
-
-
R
Z
Y
-
PFLAG
-
-
-
-
-
-
-
-
-
9
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
A
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
B
-
ADM
ADB
ADR
-
-
-
-
-
-
-
-
-
-
-
-
C
P1W
P1M
-
-
P4M
P5M
-
-
INTRQ
INTEN
OSCM
-
-
TC0R
PCL
PCH
D
P0
P1
-
-
P4
P5
-
-
-
-
TC0M
TC0C
-
-
-
STKP
E
-
-
-
-
-
-
-
@YZ
-
-
-
-
-
-
-
-
F
STK7
STK7
STK6
STK6
STK5
STK5
STK4
STK4
STK3
STK3
STK2
STK2
STK1
STK1
STK0
STK0
Table 5-1. System Register Arrangement of SN8P1702
SN8P1704
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
8
-
-
R
Z
Y
-
PFLAG
-
-
-
-
-
-
-
-
-
9
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
A
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
B
DAM
ADM
ADB
ADR
SIOM
SIOR
SIOB
-
-
-
-
-
-
-
-
-
C
P1W
P1M
-
-
P4M
P5M
-
-
INTRQ
INTEN
OSCM
-
-
TC0R
PCL
PCH
D
P0
P1
-
-
P4
P5
-
-
-
-
TC0M
TC0C
TC1M
TC1C
TC1R
STKP
E
-
-
-
-
-
-
-
@YZ
-
-
-
-
-
-
-
-
F
STK7
STK7
STK6
STK6
STK5
STK5
STK4
STK4
STK3
STK3
STK2
STK2
STK1
STK1
STK0
STK0
Table 5-2. System Register Arrangement of SN8P1704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com