Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451AMDREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TL1451AMDREP
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1451AMDREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL1451AMDREP Datasheet HTML 8Page - Texas Instruments TL1451AMDREP Datasheet HTML 9Page - Texas Instruments TL1451AMDREP Datasheet HTML 10Page - Texas Instruments TL1451AMDREP Datasheet HTML 11Page - Texas Instruments TL1451AMDREP Datasheet HTML 12Page - Texas Instruments TL1451AMDREP Datasheet HTML 13Page - Texas Instruments TL1451AMDREP Datasheet HTML 14Page - Texas Instruments TL1451AMDREP Datasheet HTML 15Page - Texas Instruments TL1451AMDREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
www.ti.com
1.75
1.5
1
0.75
0
2.25
1.25
1 k
10 k
100 k
1 M
10 M
2
f − Frequency − Hz
0.5
0.25
VCC = 5 V
TA = 25°C
70
60
40
30
0
90
50
100
1 k
10 k
100 k
1 M 2 M
80
f − Frequency − Hz
20
10
VCC = 5 V
TA = 25°C
−5
−20
1 k
10 k
100 k
f − Frequency − Hz
10
1 M
10 M
5
0
−10
−15
VCC = 5 V
TA = 25°C
TL1451A-EP
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS614 – DECEMBER 2005
TYPICAL CHARACTERISTICS (continued)
Figure 16. Error Amplifier Maximum Output Voltage
Figure 17. Open-Loop Voltage Amplification
Swing vs Frequency
vs Frequency
Figure 18. Gain
(Amplifier in Unity-Gain Configuration vs Frequency)
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com