Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL032ACDRE4 Datasheet(PDF) 31 Page - Texas Instruments

Part # TL032ACDRE4
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL032ACDRE4 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TL032ACDRE4 Datasheet HTML 27Page - Texas Instruments TL032ACDRE4 Datasheet HTML 28Page - Texas Instruments TL032ACDRE4 Datasheet HTML 29Page - Texas Instruments TL032ACDRE4 Datasheet HTML 30Page - Texas Instruments TL032ACDRE4 Datasheet HTML 31Page - Texas Instruments TL032ACDRE4 Datasheet HTML 32Page - Texas Instruments TL032ACDRE4 Datasheet HTML 33Page - Texas Instruments TL032ACDRE4 Datasheet HTML 34Page - Texas Instruments TL032ACDRE4 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C − FEBRUARY 1997 − REVISED DECEMBER 2001
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 22
0
1 k
f − Frequency − Hz
5
10
15
20
25
30
10 k
100 k
1 M
TA = 125°C
VCC± = ±15 V
TA = −55°C
VCC± = ±5 V
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE†
vs
FREQUENCY
RL = 10 kΩ
Figure 23
0
0
|IO| − Output Current − mA
1
2
3
4
5
5
101520
VOM+
VOM−
VCC± = ±5 V
TA = 25°C
MAXIMUM PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
Figure 24
0
0
|IO| − Output Current − mA
5
10
15
202530
2
4
6
8
10
12
14
16
VOM−
VOM+
VCC± = ±15 V
TA = 25°C
MAXIMUM PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
Figure 25
−5
−75
TA − Free-Air Temperature − °C
−4
−3
−2
−1
0
1
2
3
4
5
−50
−25
0
25
50
75
100
125
VOM+
VOM−
VCC± = ±5 V
RL = 10 kΩ
MAXIMUM PEAK OUTPUT VOLTAGE†
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the recommended operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com