Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL032ACPE4 Datasheet(PDF) 38 Page - Texas Instruments

Part # TL032ACPE4
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL032ACPE4 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TL032ACPE4 Datasheet HTML 34Page - Texas Instruments TL032ACPE4 Datasheet HTML 35Page - Texas Instruments TL032ACPE4 Datasheet HTML 36Page - Texas Instruments TL032ACPE4 Datasheet HTML 37Page - Texas Instruments TL032ACPE4 Datasheet HTML 38Page - Texas Instruments TL032ACPE4 Datasheet HTML 39Page - Texas Instruments TL032ACPE4 Datasheet HTML 40Page - Texas Instruments TL032ACPE4 Datasheet HTML 41Page - Texas Instruments TL032ACPE4 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C − FEBRUARY 1997 − REVISED DECEMBER 2001
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 49
−75
0
TA − Free-Air Temperature − °C
125
6
−50
−25
0
25
50
75
100
1
2
3
4
5
SR−
SR+
SLEW RATE†
vs
FREE-AIR TEMPERATURE
VCC± = ±5 V
RL = 10 kΩ
CL = 100 pF
See Figure 1
Figure 50
−75
0
TA − Free-Air Temperature − °C
125
6
−50
−25
0
25
50
75
100
1
2
3
4
5
SR−
SR+
SLEW RATE†
vs
FREE-AIR TEMPERATURE
VCC± = ±15 V
RL = 10 kΩ
CL = 100 pF
See Figure 1
Figure 51
0
0
CL − Load Capacitance − pF
250
60
50
100
150
200
10
20
30
40
50
VI(PP) = ±10 mV
RL = 10 kΩ
TA = 25°C
See Figure 1
VCC± = ±5 V
OVERSHOOT FACTOR
vs
LOAD CAPACITANCE
VCC± = ±15 V
Figure 52
100
0.1
f − Frequency − Hz
100 k
0.5
0.2
0.3
0.4
1 k
10 k
VCC± = ±15 V
AVD = 1
VO(rms) = 6 V
TA = 25°C
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
† Data at high and low temperatures are applicable only within the recommended operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com