Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL2575-05 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL2575-05
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL2575-05 Datasheet(HTML) 4 Page - Texas Instruments

  TL2575-05 Datasheet HTML 1Page - Texas Instruments TL2575-05 Datasheet HTML 2Page - Texas Instruments TL2575-05 Datasheet HTML 3Page - Texas Instruments TL2575-05 Datasheet HTML 4Page - Texas Instruments TL2575-05 Datasheet HTML 5Page - Texas Instruments TL2575-05 Datasheet HTML 6Page - Texas Instruments TL2575-05 Datasheet HTML 7Page - Texas Instruments TL2575-05 Datasheet HTML 8Page - Texas Instruments TL2575-05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Package Thermal Data
(1)
Recommended Operating Conditions
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
TL2575HV
60
VIN
Supply voltage
V
TL2575
42
ON/OFF input voltage range
–0.3
VIN
V
Output voltage to GND (steady state)
–1
V
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
BOARD
θ
JA
θ
JC
θ
JP
(2)
PDIP (N)
High K, JESD 51-7
67
°C/W
57
°C/W
TO-263 (KTT)
High K, JESD 51-5
26.5
°C/W
31.8
°C/W
0.38
°C/W
TO-220 (KV)
High K, JESD 51-5
26.5
°C/W
31.8
°C/W
0.38
°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(2)
For packages with exposed thermal pads, such as QFN, PowerPAD™, or PowerFLEX™,
θ
JP is defined as the thermal resistance
between the die junction and the bottom of the exposed pad.
MIN
MAX
UNIT
TL2575HV
4.75
60
VIN
Supply voltage
V
TL2575
4.75
40
TJ
Operating virtual junction temperature
–40
125
°C
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com