Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA211-HT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211-HT
Description  1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211-HT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA211-HT Datasheet HTML 17Page - Texas Instruments OPA211-HT Datasheet HTML 18Page - Texas Instruments OPA211-HT Datasheet HTML 19Page - Texas Instruments OPA211-HT Datasheet HTML 20Page - Texas Instruments OPA211-HT Datasheet HTML 21Page - Texas Instruments OPA211-HT Datasheet HTML 22Page - Texas Instruments OPA211-HT Datasheet HTML 23Page - Texas Instruments OPA211-HT Datasheet HTML 24Page - Texas Instruments OPA211-HT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
OPA211-HT
www.ti.com
SBOS481B – JULY 2009 – REVISED APRIL 2012
Figure 47 depicts a specific example where the input
DFN PACKAGE
voltage, VIN, exceeds the positive supply voltage
The OPA211 is offered in an DFN-8 package (also
(+VS) by 500 mV or more. Much of what happens in
known as SON). The DFN package is a QFN
the circuit depends on the supply characteristics. If VS
package with lead contacts on only two sides of the
can sink the current, one of the upper input steering
bottom of the package. This leadless package
diodes
conducts
and
directs
current
to
VS.
maximizes board space and enhances thermal and
Excessively
high
current
levels
can
flow
with
electrical characteristics through an exposed pad.
increasingly higher VIN. As a result, the datasheet
specifications recommend that applications limit the
DFN packages are physically small, and have a
input current to 10 mA.
smaller routing area, improved thermal performance,
and improved electrical parasitics. Additionally, the
If the supply is not capable of sinking the current, VIN
absence
of
external
leads
eliminates
bent-lead
may
begin
sourcing
current
to
the
operational
issues.
amplifier, and then take over as the source of positive
supply voltage. The danger in this case is that the
The DFN package can be easily mounted using
voltage can rise to levels that exceed the operational
standard
printed
circuit
board
(PCB)
assembly
amplifier absolute maximum ratings. In extreme but
techniques. See Application Note QFN/SON PCB
rare cases, the absorption device triggers on while VS
Attachment (SLUA271) and Application Report Quad
and –VS are applied. If this event happens, a direct
Flatpack No-Lead Logic Packages (SCBA017), both
current path is established between the VS and –VS
available for download at www.ti.com.
supplies. The power dissipation of the absorption
The exposed leadframe die pad on the bottom of
device is quickly exceeded, and the extreme internal
the package must be connected to V–. Soldering
heating destroys the operational amplifier.
the thermal pad improves heat dissipation and
Another common question involves what happens to
enables specified device performance.
the amplifier if an input signal is applied to the input
while the power supplies VS and/or –VS are at 0 V.
DFN LAYOUT GUIDELINES
Again, it depends on the supply characteristic while at
The exposed leadframe die pad on the DFN package
0 V, or at a level below the input signal amplitude. If
should be soldered to a thermal pad on the PCB. A
the supplies appear as high impedance, then the
mechanical drawing showing an example layout is
operational amplifier supply current may be supplied
attached at the end of this data sheet. Refinements to
by the input source via the current steering diodes.
this layout may be necessary based on assembly
This state is not a normal bias condition; the amplifier
process requirements. Mechanical drawings located
most likely will not operate normally. If the supplies
at the end of this data sheet list the physical
are low impedance, then the current through the
dimensions for the package and pad. The five holes
steering diodes can become quite high. The current
in the landing pattern are optional, and are intended
level depends on the ability of the input source to
for use with thermal vias that connect the leadframe
deliver current, and any resistance in the input path.
die pad to the heatsink area on the PCB.
Soldering the exposed pad significantly improves
board-level reliability during temperature cycling, key
push, package shear, and similar board-level tests.
Even
with
applications
that
have
low-power
dissipation, the exposed pad must be soldered to the
PCB to provide structural integrity and long-term
reliability.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): OPA211-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com