Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA365AMDBVTEP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA365AMDBVTEP
Description  50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA365AMDBVTEP Datasheet(HTML) 2 Page - Texas Instruments

  OPA365AMDBVTEP Datasheet HTML 1Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 2Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 3Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 4Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 5Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 6Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 7Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 8Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
OPA365-EP
SLOS735
– AUGUST 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 125°C
SOT23
– DBV
OPA365AMDBVTEP
OUNM
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
VCC
Supply voltage
5.5 V
VI
Signal input terminals, voltage(2)
(V
−) − 0.5V to (V+) + 0.5 V
II
Signal input terminals, current(2)
±10 mA
tOSC
Output short-circuit duration(3)(4)
Continuous
TOP
Operating temperature
−55°C to 125°C
Tstg
Storage temperature
−65°C to 150°C
TJ
Junction temperature
150
°C
Human Body Model
4000V
ESD
Electrostatic discharge rating
Charged Device Model
1000V
Machine Model
200V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground, one amplifier per package
(4)
Continuous output current greater than 20 mA for extended periods may affect product reliability.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA365-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com