Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET8501PB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ONET8501PB
Description  11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET8501PB Datasheet(HTML) 2 Page - Texas Instruments

  ONET8501PB Datasheet HTML 1Page - Texas Instruments ONET8501PB Datasheet HTML 2Page - Texas Instruments ONET8501PB Datasheet HTML 3Page - Texas Instruments ONET8501PB Datasheet HTML 4Page - Texas Instruments ONET8501PB Datasheet HTML 5Page - Texas Instruments ONET8501PB Datasheet HTML 6Page - Texas Instruments ONET8501PB Datasheet HTML 7Page - Texas Instruments ONET8501PB Datasheet HTML 8Page - Texas Instruments ONET8501PB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
BLOCK DIAGRAM
Output
Buffer
GainStage
50
50
VCC
100
Settings
4 Bit
Input Threshold
Pre-Emphasis
Amplitude
RSA
RSB
RSC
RSD
LOSA
Power-On
Reset
BandgapVoltage
Referenceand
BiasCurrent
Generation
LOSB
LOSC
2-WireInterface &
ControlLogic
SDA
SCK
DIS
DIN+
DIN-
SDA
SCK
DIS
DOUT+
DOUT-
GainStage
InputBuffer
with
Selectable
Bandwidth
Offset
Cancellation
RATE0
RATE0
RATE1
RATE1
4 Bit
8 BitRegister
2 Bit
4 Bit + Select
4 Bit + Select
4 Bit + Select
4 Bit + Select
7 Bit + Select
7 Bit + Select
7 Bit + Select
7 Bit + Select
LOSD
LOSDetection
LOS
COC1
COC2
VCC
GND
4 Bit
SELRATE
7 Bit
SELLOS
ONET8501PB
SLLS910 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
A simplified block diagram of the ONET8501PB is shown in Figure 1.
This compact, low power 11.3 Gbps limiting amplifier consists of a high-speed data path with offset cancellation
block (DC feedback) combined with an analog settable input threshold adjust, a loss of signal detection block
using 2 peak detectors, a two-wire interface with a control-logic block and a bandgap voltage reference and bias
current generation block.
Figure 1. Simplified Block Diagram of the ONET8501PB
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :ONET8501PB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com