Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM48L540 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L540 Datasheet(HTML) 52 Page - Texas Instruments

Back Button RM48L540 Datasheet HTML 48Page - Texas Instruments RM48L540 Datasheet HTML 49Page - Texas Instruments RM48L540 Datasheet HTML 50Page - Texas Instruments RM48L540 Datasheet HTML 51Page - Texas Instruments RM48L540 Datasheet HTML 52Page - Texas Instruments RM48L540 Datasheet HTML 53Page - Texas Instruments RM48L540 Datasheet HTML 54Page - Texas Instruments RM48L540 Datasheet HTML 55Page - Texas Instruments RM48L540 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 152 page
background image
RM48L940
RM48L740
RM48L540
SPNS175
– SEPTEMBER 2011
www.ti.com
4.4
Warm Reset (nRST)
This is a bidirectional reset signal. The internal circuitry drives the signal low on detecting any device reset
condition. An external circuit can assert a device reset by forcing the signal low. On this terminal, the
output buffer is implemented as an open drain (drives low only). To ensure an external reset is not
arbitrarily generated, TI recommends that an external pullup resistor is connected to this terminal.
This terminal has a glitch filter. It also has an internal pullup
4.4.1
Causes of Warm Reset
Table 4-5. Causes of Warm Reset
DEVICE EVENT
SYSTEM STATUS FLAG
Power-Up Reset
Exception Status Register, bit 15
Oscillator fail
Global Status Register, bit 0
PLL slip
Global Status Register, bits 8 and 9
Watchdog exception / Debugger reset
Exception Status Register, bit 13
CPU Reset (driven by the CPU STC)
Exception Status Register, bit 5
Software Reset
Exception Status Register, bit 4
External Reset
Exception Status Register, bit 3
4.4.2
nRST Timing Requirements
Table 4-6. nRST Timing Requirements(1)
PARAMETER
MIN
MAX
UNIT
tv(RST)
Valid time, nRST active after
1180 tc(OSC) + 1048tc(OSC)
ns
nPORRST inactive
Valid time, nRST active (all other
8tc(VCLK)
System reset conditions)
tf(nRST)
500
2000
ns
Filter time nRST pin;
pulses less than MIN will be
filtered out, pulses greater than
MAX will generate a reset
(1)
Specified values do NOT include rise/fall times. For rise and fall timings, see the switching characteristics for output timings versus load
capacitance table.
52
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com