Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82721A Datasheet(PDF) 2 Page - EPCOS

Part # B82721A
Description  Current-compensated ring core double chokes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82721A Datasheet(HTML) 2 Page - EPCOS

  B82721A Datasheet HTML 1Page - EPCOS B82721A Datasheet HTML 2Page - EPCOS B82721A Datasheet HTML 3Page - EPCOS B82721A Datasheet HTML 4Page - EPCOS B82721A Datasheet HTML 5Page - EPCOS B82721A Datasheet HTML 6Page - EPCOS B82721A Datasheet HTML 7Page - EPCOS B82721A Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 250 V AC
Rated current 0.3 A to 6 A
Rated inductance 0.2 mH to 47 mH
Construction
■
Current-compensated ring core double choke
■
Ferrite core
■
Polycarbonate case (UL 94 V-0)
■
Polyurethane potting (UL 94 V-0)
■
Sector winding
Features
■
High resonance frequency due
to special winding technique
■
Approx. 1% stray inductance
for symmetrical interference suppression
■
Suitable for wave soldering
■
Design complies with EN 60938-2 (VDE 0565-2)
■
UL and/or VDE approvals
■
RoHS-compatible
Applications
■
Suppression of common-mode interferences
■
Electronic ballasts in lamps
■
Switch-mode power supplies
Terminals
■
Base material CuNi18Zn20
■
Layer composition Ni, Sn
■
Hot-dipped
■
Pins 0.7
× 0.7 mm
■
Lead spacing 10
× 5 (mm) or 10 × 15 (mm)
Marking
Manufacturer, approval signs and/or VDE standard number,
ordering code, graphic symbol, rated current, rated voltage,
rated inductance, date of manufacture (YYWWD)
Delivery mode
Blister tray in cardboard box
B82721A
B82721J
B82721K
B82721A/J/K
Power line chokes
Current-compensated ring core double chokes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com