Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82789C0104H001 Datasheet(PDF) 2 Page - EPCOS

Part # B82789C0104H001
Description  SIMDAD 1812, common-mode chokes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82789C0104H001 Datasheet(HTML) 2 Page - EPCOS

  B82789C0104H001 Datasheet HTML 1Page - EPCOS B82789C0104H001 Datasheet HTML 2Page - EPCOS B82789C0104H001 Datasheet HTML 3Page - EPCOS B82789C0104H001 Datasheet HTML 4Page - EPCOS B82789C0104H001 Datasheet HTML 5Page - EPCOS B82789C0104H001 Datasheet HTML 6Page - EPCOS B82789C0104H001 Datasheet HTML 7Page - EPCOS B82789C0104H001 Datasheet HTML 8Page - EPCOS B82789C0104H001 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 42 V AC/80 V DC
Rated inductance 11
NH to 100 NH
Rated current 150 mA to 300 mA
Construction
■
Current-compensated double choke
■
Ferrite I core
■
Winding: enamel copper wire
■
Winding welded to terminals
■
Bifilar winding (B82789C0…)
■
Sector winding (B82789S0…)
Features
■
Temperature range up to 150 °C (B82789C0/S0*H)
■
Suitable for lead-free reflow soldering as referenced in JEDEC J-STD 020C
■
For gold-plated terminals conductive adhesion possible
■
Qualified to AEC-Q200
■
RoHS-compatible
Function
■
B82789C0:
Suppression of asymmetrical interference coupled in on lines,
whereas data signals up to some MHz can pass unaffectedly.
■
B82789S0:
Suppression of asymmetrical (by LR) and symmetrical interference (by Lstray)
coupled in on lines. The high-frequency portions of the symmetrical data
signal are decreased so far that EMC problems can be significantly reduced.
Applications
■
Automotive applications, e.g. CAN and FlexRay bus
■
Industrial field bus systems
■
Line cards for telecom
Terminals
Tinned terminals (B82789C0/S0*002)
■
Base material CuSn6
■
Layer composition Ni, Ag, Sn1)
■
Lead-free tinned
Gold-plated terminals (B82789C0/S0*001)
■
Base material CuSn6
■
Layer composition Ni, Ag, Au
■
Gold plated
1) Ni-barrier-plated terminals (NiSn) on request (B82789C0/S0*H052).
B82789C0/S0
Data and signal line chokes
SIMDAD 1812, common-mode chokes



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com