Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA820SKGD3 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820SKGD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKGD3 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA820SKGD3 Datasheet HTML 18Page - Texas Instruments OPA820SKGD3 Datasheet HTML 19Page - Texas Instruments OPA820SKGD3 Datasheet HTML 20Page - Texas Instruments OPA820SKGD3 Datasheet HTML 21Page - Texas Instruments OPA820SKGD3 Datasheet HTML 22Page - Texas Instruments OPA820SKGD3 Datasheet HTML 23Page - Texas Instruments OPA820SKGD3 Datasheet HTML 24Page - Texas Instruments OPA820SKGD3 Datasheet HTML 25Page - Texas Instruments OPA820SKGD3 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
O PA820
+5V
−5V
R
2
505Ω
C
1
150pF
R
1
124Ω
V
V
O
1
R
G
402Ω
R
F
402Ω
C
2
100pF
Power−supply
decoupling not shown.
+
=
+
+
3
4
OUT
1
4
1
3
IN
1
1
2
4
5
1
2
2
R
R
S
V
R R C
1
R
V
S
S
R C
R R R C C
2
O
w
=
3
2
4
5
1
2
R
R R R C C
1 1
1
O
Q
R C
w
=
w
=
p
;
O
O
f
1MHz
2
OPA820-HT
SBOS587
– DECEMBER 2011
www.ti.com
Active Filters
Most active filter topologies will have exceptional performance using the broad bandwidth and unity-gain stability
of the OPA820. Topologies employing capacitive feedback require a unity-gain stable, voltage-feedback op amp.
Sallen-Key filters simply use the operational amplifier as a noninverting gain stage inside an RC network. Either
current- or voltage-feedback op amps may be used in Sallen-Key implementations.
Figure 9 shows an example Sallen-Key low-pass filter, in which the OPA820 is set up to deliver a low-frequency
gain of +2. The filter component values have been selected to achieve a maximally-flat Butterworth response
with a 5-MHz,
−3-dB bandwidth. The resistor values have been slightly adjusted to compensate for the effects of
the 240-MHz bandwidth provided by the OPA820 in this configuration. This filter may be combined with the ADC
driver suggestions to provide moderate (2-pole) Nyquist filtering, limiting noise, and out-of-band harmonics into
the input of an ADC. This filter will deliver the exceptionally low harmonic distortion required by high SFDR ADCs
such as the ADS850 (14-bit, 10 MSPS, 82-dB SFDR).
Figure 9. 5-MHz Butterworth Low-Pass Active Filter
Another type of filter, a high-Q bandpass filter, is shown in Figure 10. The transfer function for this filter is:
(3)
with
(4)
and
(5)
For the values chosen in Figure 10:
(6)
and Q = 100.
See Figure 11 for the frequency response of the filter shown in Figure 10.
22
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com