Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP7952X Datasheet(PDF) 36 Page - Micro Analog systems

Part # MCP7952X
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP7952X Datasheet(HTML) 36 Page - Micro Analog systems

Back Button MCP7952X Datasheet HTML 32Page - Micro Analog systems MCP7952X Datasheet HTML 33Page - Micro Analog systems MCP7952X Datasheet HTML 34Page - Micro Analog systems MCP7952X Datasheet HTML 35Page - Micro Analog systems MCP7952X Datasheet HTML 36Page - Micro Analog systems MCP7952X Datasheet HTML 37Page - Micro Analog systems MCP7952X Datasheet HTML 38Page - Micro Analog systems MCP7952X Datasheet HTML 39Page - Micro Analog systems MCP7952X Datasheet HTML 40Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
MCP7952X/MCP7951X
DS22300A-page 36
Preliminary
 2012 Microchip Technology Inc.
FIGURE 10-2:
WRITE SEQUENCE
10.1.4
WRITE TO THE UNLOCK REGISTER
The MCP795XX contains a protected area of 64 bits
that can be used to hold a unique ID, such as a serial
number or MAC address code. To gain write access to
these locations, a specific sequence is required. Any
deviation from this sequence will reset the lock on
these locations. Once these locations have been
unlocked they have to be written to in the next com-
mand by issuing the correct command. A write to a dif-
ferent location will lock the ID locations and clear the
WEL bit.
The following is a list of strict conditions which have to
be followed before the unique locations can be written
to:
• EEWREN instruction successfully executed
• UNLOCK 0x55 instruction successfully executed
• UNLOCK 0xAA instruction successfully executed
To issue each UNLOCK instruction the Unlock com-
mand is sent followed by 0x55. Then in a separate
command the Unlock command is issued followed by
0xAA. It is a requirement that each command be sepa-
rate, that is CS must toggle between each command.
Information on how to read and write the ID locations
is detailed in Section 9.1.4, Unique ID Locations.
FIGURE 10-3:
UNLOCK SEQUENCE
SO
SI
SCK
CS
0
23456789 10 11 12 13 14 15 16 17 18 19 20 21 22
1
00
0
0
0
0
0
A7 6
5
4
1A0 76543210
Instruction
Address Byte
Data Byte
High-Impedance
23
32
1
SO
SI
SCK
CS
0
234567
89 10 11 12 13 14 15
1
10
0
1
0
0
0
76
5
4
10
Instruction
Data
High-Impedance
32
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com