Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6433 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6433
Description  Digital Media Processor
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6433 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320DM6433 Datasheet HTML 77Page - Texas Instruments TMS320DM6433 Datasheet HTML 78Page - Texas Instruments TMS320DM6433 Datasheet HTML 79Page - Texas Instruments TMS320DM6433 Datasheet HTML 80Page - Texas Instruments TMS320DM6433 Datasheet HTML 81Page - Texas Instruments TMS320DM6433 Datasheet HTML 82Page - Texas Instruments TMS320DM6433 Datasheet HTML 83Page - Texas Instruments TMS320DM6433 Datasheet HTML 84Page - Texas Instruments TMS320DM6433 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 271 page
background image
3.4.1.4 Serial Boot Modes (I2C, UART[UART0], SPI[McBSP0])
TMS320DM6433
Digital Media Processor
www.ti.com
SPRS343C – NOVEMBER 2006 – REVISED JUNE 2008
–
The C64x+ begins execution from the internal bootloader ROM at address 0x0010 0000.
–
Depending on the FASTBOOT, AEM[2:0], and PLLMS[2:0] settings, the bootloader code may
program the PLLC1 to PLL Mode to speed up the boot process. See Table 3-5, Table 3-6, and
Table 3-7.
–
The bootloader code reads the code from EMIFA (NAND) EM_CS2 (address 0x4200 0000) using
AIS format.
–
EMIFA is configured in NAND mode. The user is responsible for ensuring the desirable
Asynchronous EMIF pins are available through configuration pins AEM[2:0] and AEAW[2:0].
AEM[2:0] can be configured to 001b [8-bit EMIFA (Async) Pinout Mode 1], 011b [8-bit EMIFA
(Async) Pinout Mode 3], 100b [8-bit EMIFA (NAND) Pinout Mode 4], or 101b [8-bit EMIFA (NAND)
Pinout Mode 5]. If AEM[2:0] = 001b, AEAW[2:0] must be configured to 100b.
This subsection discusses how the bootloader configures the clock dividers for the serial boot modes—I2C
boot, UART boot, and SPI boot.
3.4.1.4.1 I2C Boot
If FASTBOOT = 0, then I2C Boot (BOOTMODE = 0101) is performed in Standard-Mode (up-to 100 kbps).
If FASTBOOT = 1, then I2C Boot is performed in Fast-Mode (up-to 400 kbps). The actual I2C data
transfer rate is dependent on the MXI/CLKIN frequency.
This is how the bootloader programs the I2C:
• I2C Boot in Fast-Mode (BOOTMODE[3:0] = 0101b, FASTBOOT = 1)
–
I2C register settings: ICPSC.IPSC = 210, ICCLKL.ICCL = 810, ICCKH.ICCH = 810
–
Resulting in the following I2C prescaled module clock frequency (internal I2C clock):
• (CLKIN frequency in MHz) / 3
–
Resulting in the following I2C serial clock (SCL):
• SCL frequency (in kHz) = (CLKIN frequency in MHz) / 78 * 1000
• SCL low pulse duration (in µs) = 39 / (CLKIN frequency in MHz)
• SCL high pulse duration (in µs) = 39 / (CLKIN frequency in MHz)
• I2C Boot in Standard-Mode (BOOTMODE[3:0] = 0101b, FASTBOOT = 0)
–
I2C register settings: ICPSC.IPSC = 210, ICCLKL.ICCL = 4510, ICCKH.ICCH = 4510
–
Resulting in the following I2C prescaled module clock frequency (internal I2C clock):
• (CLKIN frequency in MHz) / 3
–
Resulting in the following I2C serial clock (SCL):
• SCL frequency (in kHz) = (CLKIN frequency in MHz) / 300 * 1000
• SCL low pulse duration (in µs) = 150 / (CLKIN frequency in MHz)
• SCL high pulse duration (in µs) = 150 / (CLKIN frequency in MHz)
Note: The I2C peripheral requires that the prescaled module clock frequency must be between 7 MHz
and 12 MHz. Therefore, the I2C boot is only available for MXI/CLKIN frequency between 21 MHz and
30 MHz.
For more details on the I2C periperhal configurations and clock requirements, see the TMS320DM643x
DMP Inter-Integrated Circuit (I2C) Peripheral User’s Guide (literature number SPRU991).
Submit Documentation Feedback
Device Configurations
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com