Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS2124 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS2124
Description  TMS570LSxxx4 16/32-Bit RISC Flash Microcontroller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS2124 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS570LS2124 Datasheet HTML 59Page - Texas Instruments TMS570LS2124 Datasheet HTML 60Page - Texas Instruments TMS570LS2124 Datasheet HTML 61Page - Texas Instruments TMS570LS2124 Datasheet HTML 62Page - Texas Instruments TMS570LS2124 Datasheet HTML 63Page - Texas Instruments TMS570LS2124 Datasheet HTML 64Page - Texas Instruments TMS570LS2124 Datasheet HTML 65Page - Texas Instruments TMS570LS2124 Datasheet HTML 66Page - Texas Instruments TMS570LS2124 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 155 page
background image
HCLK (toSYSTEM)
GCLK,GCLK2 (toCPU)
GCM
VCLK _peri (VCLK to peripherals onPCR1)
VCLK2(toNHETx andHTUx)
VCLKA1(to D CANx)
0
/1..16
/1..16
RTICLK (toRTI,DWWD)
/1,2,4,or8
VCLK
OSCIN
LowPower
Oscillator
10MHz
80kHz
FMzPLL
1
0
4
5
/1..64
X1..256
/1..8
/1..32
6
PLL #2
*
VCLK
/1,2,..1024
Phase_seg2
CANBaudRate
Phase_seg1
VCLKA1
/1,2,..256
SPIx,MibSPIx
/2,3..2
24
LIN,SCI
SPI
LIN /SCI
/1,2..32
MibADCx
ADCLK
/1,2..65536
ExternalClock
ECLK
VCLK2
NHETx
HRP
/1..64
LRP
/20..25
Loop
ResolutionClock
High
BaudRate
BaudRate
NHETx
VCLK2
TU
Ethernet
VCLKA4
(SSPLL)
(SSPLL)
/1..64
X1..256
/1..8
/1..32
*
1
4
5
6
VCLK
VCLKA4(toEthernet,asalternate
EXTCLKIN 1
EXTCLKIN2
3
7
3
7
0
1
4
5
6
VCLK
3
7
0
1
4
5
6
3
7
VCLK3
EMIF
VCLK3(toEMIF,andEthernet)
/1..16
VCLK_sys (VCLK to systemmodules)
*thefrequencyatthisnodemustnot
exceedthemaximumHCLKspecifiation.
/1,2..256
I2C
I2Cbaud
rate
for MIITXCLKand/or MIIRXCLK)
VCLKA2(toFlexRay)
0
1
4
5
6
VCLK
3
7
/1,2,..4
VCLKA2
GTUC1,2
NTU[1]
NTU[0]
NTU[2]
NTU[3]
RTI
Macro Tick
Start ofcycle
PLL#2output
EXTCLKIN1
VCLKA2
Prop_seg
DCANx
FlexRay
Baud
Rate
FlexRay
TU
FlexRay
TMS570LS3134
TMS570LS2134
TMS570LS2124
www.ti.com
SPNS165
– SEPTEMBER 2011
4.6.2.2
Mapping of Clock Domains to Device Modules
Each clock domain has a dedicated functionality as shown in the figures below.
Figure 4-7. Device Clock Domains
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
63
Submit Documentation Feedback
focus.ti.com: TMS570LS3134 TMS570LS2134 TMS570LS2124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com