Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65166RHAR Datasheet(PDF) 33 Page - Texas Instruments

Part # TPS65166RHAR
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166RHAR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS65166RHAR Datasheet HTML 29Page - Texas Instruments TPS65166RHAR Datasheet HTML 30Page - Texas Instruments TPS65166RHAR Datasheet HTML 31Page - Texas Instruments TPS65166RHAR Datasheet HTML 32Page - Texas Instruments TPS65166RHAR Datasheet HTML 33Page - Texas Instruments TPS65166RHAR Datasheet HTML 34Page - Texas Instruments TPS65166RHAR Datasheet HTML 35Page - Texas Instruments TPS65166RHAR Datasheet HTML 36Page - Texas Instruments TPS65166RHAR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Layout Considerations
TPS65166
www.ti.com.......................................................................................................................................................................................... SLVS976 – SEPTEMBER 2009
PCB layout is an important step in power supply design.
• NC pins 5, 8, 22, and 29 should not be connected to GND, if so, the device is not P2P short protected any
more.
• The input capacitors should be placed as close as possible to the device. AVIN, VIN1, and VIN2 must be
shorted.
• The buffer capacitor C25 must be connected to VL+ and AGND/VL- by a single trace.
• The line device, diode, output cap of the buck boost should be kept as short as possible.
• For the boost converter the line C3 GND output capacitor GND and PGND1 should be kept short.
• For the buck converter the line switch pin SW3, 4 to diode should be kept short.
• All lower feedback resistors connected to GND should be placed close to the device.
• Switching lines should not be next to feedback lines to avoid coupling.
• Use short lines or make sure the lines do not affect other regulating parts for the charge pump switching
connection to SW1,2 because this trace carrys switching waveforms.
• The PowerPAD™ of the QFN package should be soldered to GND and as much as possible thermal vias
should be used to lower the thermal resistance and keep the device cool.
• A solid PCB ground plane structure is essential for good device performance.
• Place red marked components and lines first and as close as possible to the device. Keep red marked lines
short. Bold marked lines should be wide on the PCB, because these traces carry high currents.
• Green marked components can be placed further away.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com