| Electronic Components Datasheet Search |
|
TPS65708 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPS65708 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 22 page ![]() VLDO1 A1 VINLDO1 A2 VINLDO2 A3 VLDO2 A4 VIN1 C1 PWM B2 MODE B3 VIN2 C4 PGND1 D1 FB1 C2 FB2 C3 PGND2 D4 L1 D2 ISINK B1 L2 D3 A1 A2 A3 A4 Vcc B4 TPS65708 SLVSAE1A – OCTOBER 2010 – REVISED FEBRUARY 2011 www.ti.com PIN ASSIGNMENTS YZH PACKAGE (BOTTOM VIEW) Pin Functions for Chip Scale Version (YZH Package) PIN I/O DESCRIPTION NAME NO. VCC B4 I Supply Input for internal reference, has to be connected to VIN1 and VIN2 PGND1 D1 Power ground PGND2 D4 Power ground VIN1 C1 I Input voltage pin for buck converter(1) VIN2 C4 I Input voltage pin for buck converter(2) L1 D2 O Switch output from buck converter(1) FB1 C2 I Feedback input from buck converter(1) L2 D3 O Switch output from buck converter(2) FB2 C3 I Feedback input from buck converter(2) VLDO1 A1 O Output voltage from LDO1 VLDO2 A4 O Output voltage from LDO2 VINLDO1 A2 I Input voltage pin for LDO1 VINLDO2 A3 I Input voltage pin for LDO2 Set low to enable Power Save Mode. Pulling this PIN to high forces the device to operate in PWM mode MODE B3 I over the whole load range. ISINK B1 O Open drain current sink; connect to the cathode of a LED PWM B2 I Input for LED PWM dimming (1) VCC must be the highest input voltage for the device to operate correctly. (2) VIN1/VIN2 must be connected to VCC 6 Submit Documentation Feedback © 2010–2011, Texas Instruments Incorporated Product Folder Link(s) :TPS65708 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |