Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0804S030 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ADC0804S030
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC0804S030 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ADC0804S030 Datasheet HTML 10Page - Integrated Device Technology ADC0804S030 Datasheet HTML 11Page - Integrated Device Technology ADC0804S030 Datasheet HTML 12Page - Integrated Device Technology ADC0804S030 Datasheet HTML 13Page - Integrated Device Technology ADC0804S030 Datasheet HTML 14Page - Integrated Device Technology ADC0804S030 Datasheet HTML 15Page - Integrated Device Technology ADC0804S030 Datasheet HTML 16Page - Integrated Device Technology ADC0804S030 Datasheet HTML 17Page - Integrated Device Technology ADC0804S030 Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ADC0804S030_040_050_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
14 of 18
Integrated Device Technology
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
014aaa557
VCCO
D7 to D0
IR
OGND
VCCA
VI
AGND
014aaa526
Fig 9. CMOS data and in-range outputs
Fig 10. Analog inputs
014aaa553
VCCO
OGND
OE
TC
VCCA
RT
RM
RB
AGND
014aaa331
RL
RL
RL
RL
Fig 11. OE and TC input
Fig 12. RB, RM and RT
VCCD
CLK
1.5 V
DGND
014aaa399
Fig 13. CLK input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com