Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAA Datasheet(PDF) 2 Page - Silicon Laboratories

Part # AAA
Description  Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AAA Datasheet(HTML) 2 Page - Silicon Laboratories

  AAA Datasheet HTML 1Page - Silicon Laboratories AAA Datasheet HTML 2Page - Silicon Laboratories AAA Datasheet HTML 3Page - Silicon Laboratories AAA Datasheet HTML 4Page - Silicon Laboratories AAA Datasheet HTML 5Page - Silicon Laboratories AAA Datasheet HTML 6Page - Silicon Laboratories AAA Datasheet HTML 7Page - Silicon Laboratories AAA Datasheet HTML 8Page - Silicon Laboratories AAA Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Si4010-RC-DEMO
2
Rev. 0.2
Figure 1. Si4010 Universal Key Fob Board and Plastic Case
(P/N 4010-KFOB-434 and MSC-PLPB_1)
Figure 2. Si4355 RFStick 434 MHz Receiver Board (P/N 4355-LED-434-SRX)
2. Operating the Demo
The Si4010 key fob transmitter and the Si4355 RFStick receiver are the transmitter and receiver devices used in
the one way link demo. This transmitter/receiver pair can be used to evaluate the capabilities of the Si4010
transmitter and the Si4355 receiver.
The first step is to insert the CR2032 battery in the battery holder on the 4010-KFOB-XXX demo board and then
place the board into the plastic key fob case. Next, insert the two AAA batteries in the battery holder on the 4355-
LED-XXX receiver board and turn it on by setting the S6 switch to the “Battery” position. LED4 will light
continuously indicating that power is on and the SRX firmware is running.
When a button is pressed on the key fob, LEDs flash on the receiver boad according to which button was pressed.
In the next table, buttons are named according to their position when the key fob is held with its LED facing
forward.
Table 2. Key Fob Buttons and Resulting LEDs
Key Fob Button Pressed
RF Stick LED Flashed
Left Button
LED1
Middle Button
LED2
Right Button
LED3
Rear Button
LED1 + LED3
Front Button
LED1 + LED2 + LED3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com