Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP01M02 Datasheet(PDF) 39 Page - Texas Instruments

Part # VSP01M02
Description  CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP01M02 Datasheet(HTML) 39 Page - Texas Instruments

Back Button VSP01M02 Datasheet HTML 35Page - Texas Instruments VSP01M02 Datasheet HTML 36Page - Texas Instruments VSP01M02 Datasheet HTML 37Page - Texas Instruments VSP01M02 Datasheet HTML 38Page - Texas Instruments VSP01M02 Datasheet HTML 39Page - Texas Instruments VSP01M02 Datasheet HTML 40Page - Texas Instruments VSP01M02 Datasheet HTML 41Page - Texas Instruments VSP01M02 Datasheet HTML 42Page - Texas Instruments VSP01M02 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
Monitor Signal
TGSection
High-Speed
SignalGenerator
015h-018h
SHP
SHD
AFESection
Delay
Controller
003h[1:0]
Sampling
Circuit
3-nsDelay
Signal
Selector
TPP
TPD
HIGH-SPEED PULSE ADJUSTMENT
VSP01M01
VSP01M02
www.ti.com .................................................................................................................................................................................................. SBES016 – MARCH 2009
The test pin (TPP, TPD) is set up by address 001h, data bit [3] = 1, as shown in Table 27. Table 28 describes
TPP and TPD.
Table 27. Monitor Pin Enable Register(1)
PARAMETER
REGISTER ADDRESS
VALUE
Monitor pin
001h[3]
1 = Enable
(1)
Refer to the Configuration Register section for details.
Table 28. Test Pin Output Select
REGISTER 0B5h[3:0]
TPP
TPD
1000b (8)
SHP
SHD
1001b (9)
CLPOB
CLPDM
1010b (10)
PBLK
HDIV
1011b (11)
HBLK
—
SHP and SHD are monitored at the TG section output, as shown in Figure 30. The actual sampling point is
delayed from the monitor point. The delay time is shown in Figure 30. The actual sampling point delay = delay
controller value (003h[1:0] = 0 ns-6 ns) + sampling delay (3 ns).
Figure 30. SHP/SHD Monitor Out
The high-speed pulse can be adjusted in steps of one pixel clock cycle per 100. The assignment register for
each pulse is shown in Table 29. The rising edge of the RG pulse as a reference.
Table 29. High-Speed Pulse Adjustment Register
REGISTER ADDRESS
CONTROL ITEM
TERMINAL NAME
FALLING
RISING
DELAY
RG
RG
014h[4:0]
—
G1Ah
G1h
G1Bh
011h[4:0]
010h[4:0]
HL
—
G2Ah
G2h
012h[4:0]
013h[4:0]
G2Bh
SHP
SHP
015h[4:0]
016h[4:0]
SHD
SHD
017h[4:0]
018h[4:0]
003h[1:0]
019h[5:0]
ADCCK
ADCCK
—
—
019h[6]
Data out
B0-B15
—
—
002h[1:0]
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): VSP01M01 VSP01M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com