Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G12AP-RO Datasheet(PDF) 13 Page - Texas Instruments

Part # G12AP-RO
Description  TAS5622-TAS5624DDVEVM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

G12AP-RO Datasheet(HTML) 13 Page - Texas Instruments

Back Button G12AP-RO Datasheet HTML 9Page - Texas Instruments G12AP-RO Datasheet HTML 10Page - Texas Instruments G12AP-RO Datasheet HTML 11Page - Texas Instruments G12AP-RO Datasheet HTML 12Page - Texas Instruments G12AP-RO Datasheet HTML 13Page - Texas Instruments G12AP-RO Datasheet HTML 14Page - Texas Instruments G12AP-RO Datasheet HTML 15Page - Texas Instruments G12AP-RO Datasheet HTML 16Page - Texas Instruments G12AP-RO Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
www.ti.com
Appendix A
Table 4. Bill of Materials for TAS5624DDVEVM (continued)
Manu Part No.
Qty
Ref Des
Vendor Part No.
Description
Vendor
Manu
UKZ1H470MPM
1
C72
493-3194
CAP ALUM ELEC KZ RADIAL 47UFD 50V
Digi-Key
Nichicon
20% ROHS
EEU-FC1H102
2
C12, C14
P10333-ND
CAP ALUM ELEC FC RADIAL 1000UFD 50V
Digi-Key
Panasonic
20% ROHS
RESISTORS
RMCF0402ZT0R00
2
R12, R13
RMCF0402ZT0R00CT
ZERO OHM JUMPER SMT 0402 0 OHM
Digi-Key
Stackpole
1/16W,5% ROHS
Electronics
ERJ-3GEY0R00V
1
R51
P0.0GCT
RESISTOR SMD0603 0.0 OHM 5% THICK
Digi-Key
Panasonic
FILM 1/10W ROHS
ERJ-3GEYJ1R0V
1
R50
P1.0GCT
RESISTOR SMD0603 1.0 OHMS 1% THICK
Digi-Key
Panasonic
FILM 1/10W ROHS
ERJ-3GEYJ3R3V
8
R1, R7, R8,
P3.3GCT
RESISTOR SMD0603 3.3 OHMS 5% 1/10W
Digi-Key
Panasonic
R9, R10,
ROHS
R11, R14,
R60
ERJ-3GEYJ470V
19
R27, R28,
P47GCT
RESISTOR SMD0603 47 OHMS 5% 1/10W
Digi-Key
Panasonic
R29, R30,
ROHS
R31, R32,
R33, R34,
R35, R36,
R37, R38,
R39, R40,
R54, R55,
R56, R57,
R58
CRCW0603100RFKEA
3
R4, R5, R6
541-100HCT
RESISTOR SMD0603 100 OHM 1/10W 1%
Digi-Key
Vishay
ROHS
ERJ-3GEYJ471V
2
R48, R49
P470GCT
RESISTOR SMD0603 470 OHMS 5% 1/10W
Digi-Key
Panasonic
ROHS
ERJ-3GEYJ472V
4
R61, R62,
P4.7KGCT
RESISTOR SMD0603 4.7K OHMS 5% 1/10W
Digi-Key
Panasonic
R63, R65
ROHS
ERJ-3EKF1002V
14
R20, R21,
P10.0KHCT
RESISTOR SMD0603 10.0K 1% THICK FILM
Digi-Key
Panasonic
R22, R23,
1/10W ROHS
R24, R25,
R26, R41,
R42, R43,
R44, R45,
R46, R47
RMCF0603FT15K0
1
R52
RMCF0603FT15K0CT
RESISTOR SMD0603 15.0K OHMS 1% 1/10W
Digi-Key
Stackpole
ROHS
Electronics
RC0603FR-0718KL
1
R53
311-18.0KHRCT
RESISTOR SMD0603 THICK FILM 18.0K
Digi-Key
Yageo
OHMS 1% 1/10W ROHS
RC0603FR-0730KL
1
R2
311-30.0KHRCT
RESISTOR SMD0603 THICK FILM 30.0K 1%
Digi-Key
Yageo
1/10W ROHS
ERJ-3GEYJ473V
1
R3
P47KGCT
RESISTOR SMD0603 47K OHMS 5% 1/10W
Digi-Key
Panasonic
ROHS
INDUCTORS
MA5173-AE
4
L1, L2, L3, L4
MA5173-AE
SHIELDED POWER INDUCTOR 7uH 12A
Coil Craft
Coil Craft
ROHS
HEADERS
N2526-6002-RB
1
J1
MHC26K-ND
HEADER SHROUDED 100LS MALE GOLD
Digi-Key
3M
2X13 PINS ROHS
PBC02SAAN
1
JP1
S1011E-02-ND
HEADER THRU MALE 2 PIN 100LS GOLD
Digi-Key
Sullins
ROHS
PBC03SAAN
3
C, D, M3
S1011E-03-ND
HEADER THRU MALE 3 PIN 100LS GOLD
Digi-Key
Sullins
ROHS
TESTPOINTS AND SWITCHES
5003
1
ET2
5003K
PC TESTPOINT, ORANGE, ROHS
Digi-Key
Keystone
Electronics
G12AP-RO
1
S1
360-1758
SWITCH THRU SPDT STRAIGHT ULTRA
Digi-Key
NKK
MINIATURE ROHS
BINDING POSTS
5018-0
3
GND, LOUT-,
565-5018-0
BINDING POST, BLACK 60V 30A GOLD
Mouser
Pomona
ROUT-
ROHS
13
SLAU376 – May 2012
Design Information
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com