Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR310 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCR310
Description  Silicon Controlled Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR310 Datasheet(HTML) 1 Page - Motorola, Inc

  MCR310 Datasheet HTML 1Page - Motorola, Inc MCR310 Datasheet HTML 2Page - Motorola, Inc MCR310 Datasheet HTML 3Page - Motorola, Inc MCR310 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Thyristor Device Data
Silicon Controlled Rectifiers
Reverse Blocking Triode Thyristors
. . . designed for industrial and consumer applications such as temperature, light and
speed control; process and remote controls; warning systems; capacitive discharge
circuits and MPU interface.
• Center Gate Geometry for Uniform Current Density
• All Diffused and Glass-Passivated Junctions for Parameter Uniformity and Stability
• Small, Rugged, Thermowatt Construction for Low Thermal Resistance, High Heat
Dissipation and Durability
• Low Trigger Currents, 200 µA Maximum for Direct Driving from Integrated Circuits
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Peak Repetitive Forward and Reverse Blocking
Voltage(1)
(TJ = –40 to 110°C)
(1/2 Sine Wave, RGK = 1 kΩ)
MCR310-2
MCR310-3
MCR310-4
MCR310-6
MCR310-8
MCR310-10
VDRM
or
VRRM
50
100
200
400
600
800
Volts
On-State RMS Current (TC = 75°C)
IT(RMS)
10
Amps
Peak Non-repetitive Surge Current
(1/2 Cycle, 60 Hz, TJ = –40 to 110°C)
ITSM
100
Amps
Circuit Fusing (t = 8.3 ms)
I2t
40
A2s
Peak Gate Voltage (t
p 10 µs)
VGM
±5
Volts
Peak Gate Current (t
p 10 µs)
IGM
1
Amp
Peak Gate Power (t
p 10 µs)
PGM
5
Watts
Average Gate Power
PG(AV)
0.75
Watt
Operating Junction Temperature Range
TJ
–40 to +110
°C
Storage Temperature Range
Tstg
–40 to +150
°C
Mounting Torque
–
8
in.-lb.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2.2
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
60
°C/W
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or
negative gate voltage; however, positive gate voltage shall not be applied concurrent with
negative potential on the anode. Blocking voltages shall not be tested with a constant current
source such that the voltage ratings of the devices are exceeded.
Order this document
by MCR310/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MCR310
Series
CASE 221A-04
(TO-220AB)
STYLE 3
SCRs
10 AMPERES RMS
50 thru 800 VOLTS
C
G
A
K
A
G


Similar Part No. - MCR310

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR310 ONSEMI-MCR310 Datasheet
50Kb / 3P
Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
March, 2007 ??Rev. 3
logo
HAOPIN MICROELECTRONICS...
MCR310 HAOPIN-MCR310 Datasheet
281Kb / 4P
Blocking voltage to 800 V
logo
ON Semiconductor
MCR310-10 ONSEMI-MCR310-10 Datasheet
50Kb / 3P
Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
March, 2007 ??Rev. 3
logo
Kersemi Electronic Co.,...
MCR310-10 KERSEMI-MCR310-10 Datasheet
396Kb / 3P
Silicon Controlled Rectifiers
logo
HAOPIN MICROELECTRONICS...
MCR310-10 HAOPIN-MCR310-10 Datasheet
281Kb / 4P
Blocking voltage to 800 V
More results

Similar Description - MCR310

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
Silicon Controlled Rectifiers
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
SILICON CONTROLLED RECTIFIERS
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
SILICON CONTROLLED RECTIFIERS
logo
SemiWell Semiconductor
SCP25C60 SEMIWELL-SCP25C60 Datasheet
636Kb / 5P
Silicon Controlled Rectifiers
logo
Kersemi Electronic Co.,...
MCR12DSM KERSEMI-MCR12DSM Datasheet
436Kb / 7P
Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com