Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM25DF25K33 Datasheet(PDF) 1 Page - Protek Devices

Part # PAM25DF25K33
Description  5000 watt TVS Comp onent
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM25DF25K33 Datasheet(HTML) 1 Page - Protek Devices

  PAM25DF25K33 Datasheet HTML 1Page - Protek Devices PAM25DF25K33 Datasheet HTML 2Page - Protek Devices PAM25DF25K33 Datasheet HTML 3Page - Protek Devices PAM25DF25K33 Datasheet HTML 4Page - Protek Devices PAM25DF25K33 Datasheet HTML 5Page - Protek Devices PAM25DF25K33 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05371.R0 2/12
Page 1
PAM25DF25K33 & PAM25DF25K36
5000 wAtt tVS CoMPonent
DeSCRiPtion
The PAM25DF25Kxx Series are high-powered surface mount transient voltage suppression components designed to
protect automotive systems from the damaging effects of high voltage spikes. The DFN-2-5KW surface mount pack-
age configuration provides a lower profile at a reduce cost. These devices provide 5,000 Watts of peak pulse power
dissipation for an 10/1000µs waveform.
FeAtuReS
• IEC Compatibility 61000-4-5 (Surge): 48A, 8/20µs - L3(Line-Ground),
L4(Line-Line) & L1 (Power)
• 5,000 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Unidirectional Configuration
• Easy Mounting to Printed Circuit Board
• RoHS Compliant
• REACH Compliant
MeChAniCAl ChARACteRiStiCS
• Molded DFN-2-5KW
• Approximate Weight: 2.5 grams
• Lead-Free Silver Plating
• Solder Reflow Temperature: 260-270°C
• Flammability Rating UL 94V-0
APPliCAtionS
• Automotive Applications
APPliCAtion
DFn-2-5Kw PACKAge


Similar Part No. - PAM25DF25K33

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM20ST6305 PROTEC-PAM20ST6305 Datasheet
565Kb / 6P
MULTI-LINE TVS ARRAY
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
LoPro??Dual SPDT Analog Switch
PAM22LOPR2268-T7 PROTEC-PAM22LOPR2268-T7 Datasheet
324Kb / 10P
LoPro??Dual SPDT Analog Switch
PAM22LOPR2268QT7 PROTEC-PAM22LOPR2268QT7 Datasheet
324Kb / 10P
LoPro??Dual SPDT Analog Switch
More results

Similar Description - PAM25DF25K33

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
ST5AK5.0 SSDI-ST5AK5.0 Datasheet
317Kb / 2P
5000 WATT 5.0-110 VOLTS TRANSIENT SUPPRESSORS
logo
Protek Devices
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
5000 WATT TVS COMPONENT
SMDJ14A PROTEC-SMDJ14A Datasheet
603Kb / 7P
3000 Watt TVS Comp onent
logo
Shenzhen Luguang Electr...
5KP190 LUGUANG-5KP190 Datasheet
430Kb / 4P
TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP140 LUGUANG-5KP140 Datasheet
430Kb / 4P
TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Goodwork Semiconductor ...
5KP GWSEMI-5KP Datasheet
189Kb / 4P
5000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Protek Devices
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
5000 WATT TVS COMPONENT
logo
STMicroelectronics
SM50TXXAY STMICROELECTRONICS-SM50TXXAY Datasheet
1Mb / 15P
Automotive 5000 W TVS in SMC
22-Nov-2022
SMC50JXXA STMICROELECTRONICS-SMC50JXXA Datasheet
484Kb / 12P
5000 W TVS in SMC
03-Nov-2021
logo
Protek Devices
PAM33DOABXXA PROTEC-PAM33DOABXXA Datasheet
496Kb / 7P
5000 Watt TVS Component
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com