Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274MPWREP Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC2274MPWREP
Description  Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274MPWREP Datasheet(HTML) 2 Page - Texas Instruments

  TLC2274MPWREP Datasheet HTML 1Page - Texas Instruments TLC2274MPWREP Datasheet HTML 2Page - Texas Instruments TLC2274MPWREP Datasheet HTML 3Page - Texas Instruments TLC2274MPWREP Datasheet HTML 4Page - Texas Instruments TLC2274MPWREP Datasheet HTML 5Page - Texas Instruments TLC2274MPWREP Datasheet HTML 6Page - Texas Instruments TLC2274MPWREP Datasheet HTML 7Page - Texas Instruments TLC2274MPWREP Datasheet HTML 8Page - Texas Instruments TLC2274MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TLC227xEP, TLC227xAEP
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SGLS131A − JULY 2002 − REVISED NOVEMBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax At
25
°C
SMALL
OUTLINE
(D)
TSSOP
(PW)
−55
°C to 125°C
950
µV
TLC2272AMDREP
TLC2272AMPWREP
−55
°C to 125°C
950
µV
2.5 mV
TLC2272AMDREP
TLC2272MDREP
TLC2272AMPWREP
TLC2272MPWREP
−55
°C to 125°C
950
µV
TLC2274AMDREP
TLC2274AMPWREP
−55
°C to 125°C
950
µV
2.5 mV
TLC2274AMDREP
TLC2274MDREP
TLC2274AMPWREP
TLC2274MPWREP
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
VDD−/GND
VDD+
2OUT
2IN −
2IN +
TLC2272
D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN +
VDD+
2IN +
2IN −
2OUT
4OUT
4IN −
4IN +
VDD−
3IN +
3IN −
3OUT
TLC2274
D OR PW PACKAGE
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com