Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM4148 Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # MM4148
Description  SURFACE MOUNT SWITCHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

MM4148 Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  MM4148 Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
FEATURES
• Ideal for surface mount pick and
place application
• Small glass structure ensures high reliability
• Fast switching
• Low leakage
• High temperature soldering guaranteed:
250
oC/10S/9.5mm lead length at 5 lbs tension
MECHANICAL DATA
• Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
• Case: Glass,hermetically sealed
• Polarity: Color band denotes cathode
• Mounting position: Any
MAXIMUM RATINGS AND CHARACTERISTICS
(Ratings at 25
oC ambient temperature unless otherwise specified)
SYMBOL
VALUE
UNITS
Reverse Voltage
VR
75
V
Peak Reverse Voltage
VRM
100
V
Forward Current (average)
IO
150
mA
Repetitive Forward Peak Current
IFRM
300
mA
Power Dissipation at Ta=25
oC
Ptot
500
mW
Forward Voltage (IF=10mA)
VF
1V
Reverse Current (VR=20V)
25
nA
Reverse Current (VR=75V)
5mA
Reverse Current (VR=20V,TJ=100
oC)
IR2
50
mA
Capacitance
(note 1)
Ct
4pF
Reverse Recovery Time
(note 2)
trr
4
nS
Thermal Resistance (Junction to ambient air)
Rθ(ja)
0.35
oC/mW
Voltage Rise
(note 3)
Vfr
2.5
V
Rectification Efficiency
(note 4)
hv
0.45
-
Operating Junction and Storage Temperature Range
TSTG,TJ
-55
+175
oC
Notes:
1. VR=0V, f=1 MHz
2. IF=10mA to IR=1mA, VR=6V, RL=100W
3. When switching on tested with 50mA forward pulses tp=0.1as,Rise Time<30ns,fp=5 to 100KHz
4. f=100MHz,VRF=2V
http://www.sse-diode.com
MM4148
SURFACE MOUNT
SWITCHING DIODE
REVERSE VOLTAGE: 75V
FORWARD CURRENT: 150mA
RATINGS
IR1
TECHNICAL
SPECIFICATION
0.146(3.7)
0.130(3.3)
.063(1.6)
.055(1.4)
.020(0.5)
.012(0.3)
.020(0.5)
.012(0.3)
MINI MELF
Dimensions in inches and (millimeters)


Similar Part No. - MM4148

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MM4148 RECTRON-MM4148 Datasheet
22Kb / 1P
1N4148 mini-MELF SIGNAL DIODE
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Formosa MS
MM4148 FORMOSA-MM4148 Datasheet
110Kb / 3P
High-speed switching diode
logo
PACELEADER INDUSTRIAL
MM4148 PACELEADER-MM4148 Datasheet
572Kb / 2P
SURFACE MOUNT SWITCHING DIODES
logo
Frontier Electronics.
MM4148 FRONTIER-MM4148 Datasheet
182Kb / 3P
MINI MELF SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - MM4148

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com