Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2682IDWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLE2682IDWR
Description  HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2682IDWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLE2682IDWR Datasheet HTML 9Page - Texas Instruments TLE2682IDWR Datasheet HTML 10Page - Texas Instruments TLE2682IDWR Datasheet HTML 11Page - Texas Instruments TLE2682IDWR Datasheet HTML 12Page - Texas Instruments TLE2682IDWR Datasheet HTML 13Page - Texas Instruments TLE2682IDWR Datasheet HTML 14Page - Texas Instruments TLE2682IDWR Datasheet HTML 15Page - Texas Instruments TLE2682IDWR Datasheet HTML 16Page - Texas Instruments TLE2682IDWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
TLE2682
HIGHSPEED JFET INPUT DUAL OPERATIONAL AMPLIFIER
WITH SWITCHEDCAPACITOR VOLTAGE CONVERTER
SLOS127 − JUNE 1993
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS†
OPERATIONAL AMPLIFIER SECTION
VIO − Input Offset Voltage − mV
10
8
4
2
0
18
6
− 4
− 2.4
− 0.8
0.8
14
12
16
DISTRIBUTION OF TLE2682
INPUT OFFSET VOLTAGE
20
2.4
4
VIO
600 Units Tested From One Wafer Lot
VCC ± = ±15 V
TA = 25°C
Figure 7
15
12
6
3
0
27
9
− 24 −18
−12
− 6
0
6
21
18
24
DISTRIBUTION OF TLE2682 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
30
12
18
24
30
310 Amplifiers
VCC ± = ±15 V
TA = − 40 to 85°C
αVIO − Temperature Coefficient − µV/°C
Figure 8
100
TA − Free-Air Temperature − °C
0.01
25
45
INPUT BIAS CURRENT AND
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
65
85
0.1
10
−55
− 35
− 15
5
IIB
IIO
VIC = 0
VO = 0
0.001
Figure 9
VCC ± = ±5 V
1
100
10
Figure 10
INPUT BIAS CURRENT AND
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
25
45
65
85
0.01
0.1
1
−55
− 35
−15
5
TA − Free-Air Temperature − °C
IIO
IIB
0.001
VIC = 0
VO = 0
VCC ± = ±15 V
† Data applies to the operational amplifier block only. Switched-capacitor block is not supplying VCC− supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com