Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS20 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IPS20
Description  Precision Feedback Controllers Fixed and PTAT references
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS20 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IPS20 Datasheet HTML 1Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 2Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 3Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Power Management IPS20 and IPS21
© Copyright 2006-2009 - ASIC Advantage, Inc.
AADS00001/AA743
- Revision 5– Dec 2008
3 / 12
TYPICAL FEEDBACK CIRCUITRY WITH CONTROL OF PRIMARY FLYBACK CONVERTER
1) Current limiting:
The current limiting is adjustable through RISENSE
2) Regulated Voltage:
The regulated voltage is adjustable through RV1 and RV2
3) Compensation
The voltage-control trans-conductance operational amplifier can be fully compensated. Both of its compensation
pins are directly accessible for external compensation components.
The suitable compensation network is shown in Fig.1. It consists of a capacitor C1 and a resistor R1in series,
connected in parallel with another capacitor C2.
The current-control trans-conductance operational amplifier can be fully compensated. Both of its compensation
pins are directly accessible for external compensation components.
The suitable compensation network is shown in Fig.1. It consists of a resistor R2 and a capacitor
C2 in series, in parallel with a capacitor C3. Resistor R4 provides the input impedance that the compensation
network works with. Capacitor C4, with R4, implements a small amount of filtering.
Determination of Vout (Output Voltage):
Vout = VSENSE x (RV1+RV2)/ RV2
(Nominal VSENSE = 1.19V)
Determination of Ilimit (Current Limit):
Ilimit = IS threshold / RISENSE
Nominal IS threshold :
IPS20= 54mV
IPS21= 100mV
Fig. 1
U2
OPTOCOUPLER
OUT+
OUT-
SecondaryGND
TX1
C5
RV1
RV2
OUTPUT
+
C6
VCC
1
VSENSE
2
VCOMP
3
OPTO
4
GND
8
OUT(-)
7
IS
6
ICOMP
5
U1
IPS20/21
C1
R1
R3
R2
C2
RISENSE
C3
C4
L1
D1
SCHOTTKY
IN+
IN+
DC or Rectified AC
FLYBACK
CONVERTER
R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com