Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2371MDBVREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2371MDBVREP
Description  FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2371MDBVREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2371MDBVREP Datasheet HTML 2Page - Texas Instruments TLV2371MDBVREP Datasheet HTML 3Page - Texas Instruments TLV2371MDBVREP Datasheet HTML 4Page - Texas Instruments TLV2371MDBVREP Datasheet HTML 5Page - Texas Instruments TLV2371MDBVREP Datasheet HTML 6Page - Texas Instruments TLV2371MDBVREP Datasheet HTML 7Page - Texas Instruments TLV2371MDBVREP Datasheet HTML 8Page - Texas Instruments TLV2371MDBVREP Datasheet HTML 9Page - Texas Instruments TLV2371MDBVREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLV2371EP, TLV2372EP, TLV2374EP
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS
SGLS306A − APRIL 2005 − REVISED APRIL 2006
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V, and 15 V (unless
otherwise noted) (continued)
output characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VDD = 2.7 V
25
°C
2.55
2.58
VDD = 2.7 V
Full range
2.48
VIC = VDD/2, IOH = −1 mA
VDD = 5 V
25
°C
4.9
4.93
VIC = VDD/2, IOH = −1 mA
VDD = 5 V
Full range
4.85
VDD = 15 V
25
°C
14.92
14.96
VOH
High-level output voltage
VDD = 15 V
Full range
14.9
V
VOH
High-level output voltage
VDD = 2.7 V
25
°C
1.88
2
V
VDD = 2.7 V
Full range
1.42
VIC = VDD/2, IOH = −5 mA
VDD = 5 V
25
°C
4.58
4.68
VIC = VDD/2, IOH = −5 mA
VDD = 5 V
Full range
4.44
VDD = 15 V
25
°C
14.7
14.8
VDD = 15 V
Full range
14.6
VDD = 2.7 V
25
°C
0.1
0.15
VDD = 2.7 V
Full range
0.22
VIC = VDD/2, IOL = 1 mA
VDD = 5 V
25
°C
0.05
0.1
VIC = VDD/2, IOL = 1 mA
VDD = 5 V
Full range
0.15
VDD = 15 V
25
°C
0.05
0.08
VOL
Low-level output voltage
VDD = 15 V
Full range
0.1
V
VOL
Low-level output voltage
VDD = 2.7 V
25
°C
0.52
0.7
V
VDD = 2.7 V
Full range
1.15
VIC = VDD/2, IOL = 5 mA
VDD = 5 V
25
°C
0.28
0.4
VIC = VDD/2, IOL = 5 mA
VDD = 5 V
Full range
0.54
VDD = 15 V
25
°C
0.19
0.3
VDD = 15 V
Full range
0.35
power supply
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VDD = 2.7 V
25
°C
470
560
IDD
Supply current (per channel)
VO = VDD/2,
VDD = 5 V
25
°C
550
660
µA
IDD
Supply current (per channel)
VO = VDD/2,
VDD = 15 V
25
°C
750
900
µA
VDD = 15 V
Full range
1200
PSRR
Supply voltage rejection ratio
VDD = 2.7 V to 15 V,
VIC = VDD /2,
25
°C
70
80
dB
PSRR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 2.7 V to 15 V,
No load
VIC = VDD /2,
Full range
65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com