Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMA220 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # KMA220
Description  Dual channel programmable angle sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA220 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button KMA220 Datasheet HTML 17Page - NXP Semiconductors KMA220 Datasheet HTML 18Page - NXP Semiconductors KMA220 Datasheet HTML 19Page - NXP Semiconductors KMA220 Datasheet HTML 20Page - NXP Semiconductors KMA220 Datasheet HTML 21Page - NXP Semiconductors KMA220 Datasheet HTML 22Page - NXP Semiconductors KMA220 Datasheet HTML 23Page - NXP Semiconductors KMA220 Datasheet HTML 24Page - NXP Semiconductors KMA220 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
KMA220
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 24 May 2012
21 of 36
NXP Semiconductors
KMA220
Dual channel programmable angle sensor
13.3.2 Read access
Perform the following procedure, to read data from the sensor:
1. Start condition: The master drives a rising edge after a LOW level
2. Command: The master sends a read command (CMD0 = 1)
3. Handover: The master sends a handover bit, that is a logic 0 and disables the output
after a three-quarter bit period
4. Takeover: The slave drives a LOW level after the falling edge for ttko(slv)
5. Data: The slave sends two data bytes
6. Handover: The slave sends a handover bit, that is a logic 0 and disables the output
after a three-quarter bit period
7. Takeover: The master drives a LOW level after the falling edge for ttko(mas)
8. Stop condition: The master drives a rising edge after a LOW level
Figure 16 shows the read access of the digital interface. The signal OWI represents the
data on the bus from the master or slave. The signals: master output enable and slave
output enable indicate when the master or the slave output is enabled or disabled,
respectively.
(1) Duration of LOW level for slave takeover ttko(slv).
(2) The master output enable and the slave output enable overlap, because both drive a LOW level.
However this behavior ensures the independency from having a pull-up or pull-down on the bus. In
addition, it improves the EMC robustness, because all levels are actively driven.
(3) Duration of LOW level for master takeover ttko(mas).
(4) If the master does not take over, the pull-up generates the stop condition. Otherwise a time-out is
generated if there is a pull-down and the slave waits for a rising edge as start condition.
(5) If the master does not drive the bus, the bus-pull defines the bus.
Fig 16. OWI read access
001aag744
master
output
enable
slave
output
enable
START
CMD7
CMD0
RDATA0
(1)
(2)
(2)
(4)
(5)
(3)
HANDSHAKE
HANDSHAKE
RDATA15
IDLE
STOP
OWI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com